Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54405IVZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL54405IVZ-T
Description  CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54405IVZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL54405IVZ-T Datasheet HTML 1Page - Intersil Corporation ISL54405IVZ-T Datasheet HTML 2Page - Intersil Corporation ISL54405IVZ-T Datasheet HTML 3Page - Intersil Corporation ISL54405IVZ-T Datasheet HTML 4Page - Intersil Corporation ISL54405IVZ-T Datasheet HTML 5Page - Intersil Corporation ISL54405IVZ-T Datasheet HTML 6Page - Intersil Corporation ISL54405IVZ-T Datasheet HTML 7Page - Intersil Corporation ISL54405IVZ-T Datasheet HTML 8Page - Intersil Corporation ISL54405IVZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
FN6699.1
June 5, 2008
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 4.0V
5V_Supply to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Input Voltages
SEL, MUTE, AC/DC, DIR_SEL (Note 4) . . -0.3 to ((VDD) + 0.3V)
L1, L2, R1, R2 (Note 4) . . . . . . . . . . . . . . . . -3.1 to ((VDD) + 0.3V
Output Voltages
R, L (Note 4). . . . . . . . . . . . . . . . . . . . . . . . -3.1 to ((VDD) + 0.3V)
Continuous Current L1, L2, R1, R2 or L, R . . . . . . . . . . . . . ±300mA
Peak Current L1, L2, R1, R2 or L, R
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±500mA
ESD Rating:
Human Body Model
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>200V
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>2kV
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
16 Ld TSSOP Package (Note 5) . . . . .
150
N/A
16 Ld TQFN Package (Notes 6, 7). . . .
75
11
16 Ld µTQFN Package (Note 6) . . . . .
93
N/A
Maximum Junction Temperature (Plastic Package). . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4. Signals on L1, L2, R1
, R2, MUTE, SEL, AC/DC, DIR_SEL, R, and L exceeding V
DD or GND by specified amount are clamped. Limit current to
maximum current ratings.
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
7. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 3.3V Supply Test Conditions: V
DD = +3.0V to +3.6V, GND = 0V, VDIR_SEL = VAC/DC = GND,
V5V_SUPPLY = Float, VSIGNAL = 2VRMS, RLOAD = 20kΩ, f = 1kHz,
VSELH = VMUTEH = 1.4V, VSELL = VMUTEL = 0.5V, CAP_SS = 0.1µF, (Note 8),
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
SUPPL
Y
TEM
P
(°C)
MIN
(Notes 9, 10)
TYP
MAX
(Notes 9, 10) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range,
VANALOG
3.3V,
5V
Full
-
2
-
VRMS
ON-Resistance, rON
VDD = 3.3V, IR or IL = 80mA, VLx or VRx =
-2.828V to +2.828V (See Figure 4)
3.3V
25
-
1.9
-
Ω
Full
-
2.6
-
Ω
rON Matching Between
Channels,
ΔrON
VDD = 3.3V, IR or IL = 80mA, VLx or VRx = Voltage
at max rON over -2.828V to +2.828V (Note 13)
3.3V
25
-
0.023
-
Ω
Full
-
0.045
-
Ω
rON Flatness, rFLAT(ON)
VDD = 3.3V, IR or IL = 80mA, VLx or VRx = -2.828V,
0V, +2.828V (Note 11)
3.3V
25
-
0.003
0.01
Ω
Full
-
0.009
-
Ω
L, R, Lx, Rx Pull-down
Resistance
VDD = 3.6V, VLx or VRx = -2.83V, 2.83V, VL or
VR = -2.83V, 2.83V, VAC/DC = 0V, VMUTE = 3.6V,
Measure Current, calculate Resistance.
3.6V
25
225
300
375
k
Ω
Full
-
345
-
k
Ω
DYNAMIC CHARACTERISTICS
THD+N
VSIGNAL = 2VRMS, f = 1kHz, A-weighted Filter,
RLOAD = 20kΩ
3.3V,
5V
25
-
-106
-
dB
VSIGNAL = 1.9VRMS, f = 1kHz, A-weighted Filter,
RLOAD = 20kΩ
25
-
-113
-
dB
VSIGNAL = 1.8VRMS, f = 1kHz, A-weighted Filter,
RLOAD = 20kΩ
25
-
-116
-
dB
VSIGNAL = 0.707VRMS, f = 1kHz, A-weighted Filter,
RLOAD = 32Ω
25
-
-100
-
dB
SNR
f = 20Hz to 20kHz, A-weighted Filter, Inputs
grounded, RLOAD = 20kΩ or 32Ω
3.3V,
5V
25
-
>124
-
dBV
ISL54405


Similar Part No. - ISL54405IVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54405IVZ INTERSIL-ISL54405IVZ Datasheet
1,012Kb / 20P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
May 6, 2014
logo
Renesas Technology Corp
ISL54405IVZ RENESAS-ISL54405IVZ Datasheet
1Mb / 20P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
More results

Similar Description - ISL54405IVZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54405 RENESAS-ISL54405 Datasheet
1Mb / 20P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
logo
Intersil Corporation
ISL54405IVZ INTERSIL-ISL54405IVZ Datasheet
1,012Kb / 20P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
May 6, 2014
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
ISL54406IRUZ-T INTERSIL-ISL54406IRUZ-T Datasheet
764Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Intersil Corporation
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54210 INTERSIL-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com