Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8540IVEZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL8540IVEZ-T
Description  DC/DC Power Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8540IVEZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL8540IVEZ-T Datasheet HTML 4Page - Intersil Corporation ISL8540IVEZ-T Datasheet HTML 5Page - Intersil Corporation ISL8540IVEZ-T Datasheet HTML 6Page - Intersil Corporation ISL8540IVEZ-T Datasheet HTML 7Page - Intersil Corporation ISL8540IVEZ-T Datasheet HTML 8Page - Intersil Corporation ISL8540IVEZ-T Datasheet HTML 9Page - Intersil Corporation ISL8540IVEZ-T Datasheet HTML 10Page - Intersil Corporation ISL8540IVEZ-T Datasheet HTML 11Page - Intersil Corporation ISL8540IVEZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN6495.5
September 9, 2008
FIGURE 10. VOUT REGULATION vs LOAD
(VOUT = 24V - 500kHz)
FIGURE 11. OUTPUT VOLTAGE REGULATION vs VIN PWM
MODE
FIGURE 12. OUTPUT VOLTAGE REGULATION vs VIN
(VOUT = 5V - 500kHz)
FIGURE 13. OUTPUT VOLTAGE REGULATION vs VIN
(VOUT = 5V - 500kHz)
FIGURE 14. OUTPUT VOLTAGE REGULATION vs VIN
(VOUT = 5V - 500kHz)
FIGURE 15. POWER DISSIPATION vs LOAD
(VOUT = 3.3V - 500kHz)
Typical Performance Curves Circuit of Figure 2, VIN = 24V, EN = 0V, FS = 500KHz, VOUT = 5V, unless otherwise noted.
Typical values are at TA = +25°C. (Continued)
23.8
23.9
24.0
24.1
24.2
24.3
24.4
0.0
0.5
1.0
1.5
2.0
OUTPUT LOAD (A)
36V VIN
3.2
3.2
3.3
3.3
3.3
3.4
3.4
5
101520253035
40
INPUT VOLTAGE (V)
NO LOAD
2A LOAD
1A LOAD
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5
10
152025303540
INPUT VOLTAGE (V)
IOUT = 1A
IOUT = 2A
IOUT = 0A
11.7
11.8
11.9
12.0
12.1
12.2
12.3
5
1015
2025
30
3540
INPUT VOLTAGE (V)
IOUT = 1A
IOUT = 2A
IOUT = 0A
23.25
23.50
23.75
24.00
24.25
24.50
24.75
5
10
152025303540
INPUT VOLTAGE (V)
IOUT = 1A
IOUT = 2A
IOUT = 0A
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
OUTPUT LOAD (A)
12V VIN
24V VIN
36V VIN
ISL8540


Similar Part No. - ISL8540IVEZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8540IVEZ-T RENESAS-ISL8540IVEZ-T Datasheet
1Mb / 17P
   DC/DC Power Switching Regulator
More results

Similar Description - ISL8540IVEZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8560 RENESAS-ISL8560 Datasheet
1Mb / 17P
   DC/DC Power Switching Regulator
ISL8560MR RENESAS-ISL8560MR Datasheet
200Kb / 3P
   DC/DC Power Switching Regulator
November 11, 2011
logo
Intersil Corporation
ISL8560MREP INTERSIL-ISL8560MREP Datasheet
90Kb / 2P
   DC/DC Power Switching Regulator
logo
Renesas Technology Corp
ISL8540 RENESAS-ISL8540 Datasheet
1Mb / 17P
   DC/DC Power Switching Regulator
logo
Intersil Corporation
ISL8560MR INTERSIL-ISL8560MR Datasheet
100Kb / 2P
   DC/DC Power Switching Regulator
November 11, 2011
logo
Toshiba Semiconductor
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
   Switching Regulator, DC/DC Converter
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
   Switching Regulator, DC/DC Converter
logo
Intersil Corporation
ISL8560 INTERSIL-ISL8560 Datasheet
1,023Kb / 17P
   DC/DC Power Switching Regulator Voltage feedforward mode
logo
Fairchild Semiconductor
KSA1156OS FAIRCHILD-KSA1156OS Datasheet
96Kb / 5P
   High Voltage Switching Low Power Switching Regulator DC-DC Converter
KSA1156 FAIRCHILD-KSA1156 Datasheet
65Kb / 5P
   High Voltage Switching Low Power Switching Regulator DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com