Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8120IRZ-TEC Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL8120IRZ-TEC
Description  Dual/n-Phase Buck PWM Controller with Integrated Drivers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8120IRZ-TEC Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL8120IRZ-TEC Datasheet HTML 7Page - Intersil Corporation ISL8120IRZ-TEC Datasheet HTML 8Page - Intersil Corporation ISL8120IRZ-TEC Datasheet HTML 9Page - Intersil Corporation ISL8120IRZ-TEC Datasheet HTML 10Page - Intersil Corporation ISL8120IRZ-TEC Datasheet HTML 11Page - Intersil Corporation ISL8120IRZ-TEC Datasheet HTML 12Page - Intersil Corporation ISL8120IRZ-TEC Datasheet HTML 13Page - Intersil Corporation ISL8120IRZ-TEC Datasheet HTML 14Page - Intersil Corporation ISL8120IRZ-TEC Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
FN6763.1
April 21, 2009
ISL8120IRZEC
Typical Application VII (6 Phase Operation with DCR Sensing)
LIN
CIN
CF1
PVCC
CF2
RCC
+3V TO +22V
ISL8120IRZEC
Q1
Q2
COMP1/2
FB1
BOOT1
UGATE1
LGATE1
LOUT3
CBOOT3
PHASE1
EN/FF1, 2
VIN
VSEN1-
PGOOD
VMON1/2
VSEN1+
CF3
Q3
Q4
BOOT2
UGATE2
ISEN2A
LGATE2
CBOOT6
PHASE2
VSEN2-
VSEN2+
VIN_F
VCC
LOUT6
VCC
FSYNC
ISHARE
GND
ISEN2B
FB2
ISEN1A
VIN_F
CLKOUT/REFIN
CF1
PVCC
CF2
RCC
ISL8120IRZEC
Q1
Q2
COMP1/2
FB1
BOOT1
UGATE1
LGATE1
LOUT1
CBOOT1
COUT1
PHASE1
VOUT1
EN/FF1, 2
VIN
VSEN1-
ROS1
PGOOD
VMON1
VSEN1+
VSENSE1-
VSENSE1+
10
Ω
10
Ω
CF3
ZCOMP1
Q3
Q4
BOOT2
UGATE2
ISEN2A
LGATE2
CBOOT4
PHASE2
VSEN2-
VSEN2+
VIN_F
VCC
LOUT4
VCC
FSYNC
ISHARE
GND
ISEN2B
FB2
ISEN1A
ZFB1
CSEN1
VIN_F
CLKOUT/REFIN
CF1
PVCC
CF2
RCC
ISL8120IRZEC
Q1
Q2
COMP1/2
FB1
BOOT1
UGATE1
LGATE1
LOUT2
CBOOT2
PHASE1
EN/FF1, 2
VIN
VSEN1-
PGOOD
VMON1/2
VSEN1+
CF3
Q3
Q4
BOOT2
UGATE2
ISEN2A
LGATE2
CBOOT5
PHASE2
VSEN2-
VSEN2+
VIN_F
VCC
LOUT5
VCC
FSYNC
ISHARE
GND
ISEN2B
FB2
ISEN1A
VIN_F
CLKOUT/REFIN
GND
GND
PHASE 2 AND 5
PHASE 1 AND 4
PHASE 3 AND 6
VCC
VCC
VMON2
RFB1
ROS1
RFB1
ISEN1B
ISEN1B
ISEN1B
RISEN1
RISEN4
RISEN2
RISEN5
RISEN3
RISEN6
R
ISET
R
ISET
R
ISET
R
GND
VIN
R
R


Similar Part No. - ISL8120IRZ-TEC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8120IRZ-TEC RENESAS-ISL8120IRZ-TEC Datasheet
1Mb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Driver
logo
Intersil Corporation
ISL8120IRZ-TEC INTERSIL-ISL8120IRZ-TEC Datasheet
988Kb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
November 11, 2011
More results

Similar Description - ISL8120IRZ-TEC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8126 RENESAS-ISL8126 Datasheet
1Mb / 39P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
logo
Intersil Corporation
ISL8120IR INTERSIL-ISL8120IR Datasheet
988Kb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
November 11, 2011
ISL8126 INTERSIL-ISL8126 Datasheet
1Mb / 39P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
ISL8120CRZ INTERSIL-ISL8120CRZ Datasheet
1Mb / 38P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
February 9, 2015
ISL8120 INTERSIL-ISL8120 Datasheet
982Kb / 35P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
logo
Renesas Technology Corp
ISL8120 RENESAS-ISL8120 Datasheet
1Mb / 39P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
ISL8120IR RENESAS-ISL8120IR Datasheet
1Mb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Driver
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com