Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP43168JC-33Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # HSP43168JC-33Z
Description  Dual FIR Filter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43168JC-33Z Datasheet(HTML) 1 Page - Intersil Corporation

  HSP43168JC-33Z Datasheet HTML 1Page - Intersil Corporation HSP43168JC-33Z Datasheet HTML 2Page - Intersil Corporation HSP43168JC-33Z Datasheet HTML 3Page - Intersil Corporation HSP43168JC-33Z Datasheet HTML 4Page - Intersil Corporation HSP43168JC-33Z Datasheet HTML 5Page - Intersil Corporation HSP43168JC-33Z Datasheet HTML 6Page - Intersil Corporation HSP43168JC-33Z Datasheet HTML 7Page - Intersil Corporation HSP43168JC-33Z Datasheet HTML 8Page - Intersil Corporation HSP43168JC-33Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
File Number
2808.8
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 407-727-9207
| Copyright
© Intersil Corporation 1999
HSP43168
Dual FIR Filter
The HSP43168 Dual FIR Filter consists of two independent
8-tap FIR filters. Each filter supports decimation from 1 to 16
and provides on-board storage for 32 sets of coefficients.
The Block Diagram shows two FIR cells each fed by a
separate coefficient bank and one of two separate inputs.
The outputs of the FIR cells are either summed or
multiplexed by the MUX/Adder. The compute power in the
FIR Cells can be configured to provide quadrature filtering,
complex filtering, 2-D convolution, 1-D/2-D correlations, and
interpolating/decimating filters.
The FIR cells take advantage of symmetry in FIR
coefficients by pre-adding data samples prior to
multiplication. This allows an 8-tap FIR to be implemented
using only 4 multipliers per filter cell. These cells can be
configured as either a single 16-tap FIR filter or dual 8-tap
FIR filters. Asymmetric filtering is also supported.
Decimation of up to 16 is provided to boost the effective number
of filter taps from 2 to 16 times. Further, the Decimation
Registers provide the delay necessary for fractional data
conversion and 2-D filtering with kernels to 16 x16.
The flexibility of the Dual is further enhanced by 32 sets of
user programmable coefficients. Coefficient selection may
be changed asynchronously from clock to clock. The ability
to toggle between coefficient sets further simplifies
applications such as polyphase or adaptive filtering.
The HSP43168 is a low power fully static design
implemented in an advanced CMOS process. The
configuration of the device is controlled through a standard
microprocessor interface.
Features
• Two Independent 8-Tap FIR Filters Configurable as a
Single 16-Tap FIR
• 10-Bit Data and Coefficients
• On-Board Storage for 32 Programmable Coefficient Sets
• Up To: 256 FIR Taps, 16 x 16 2-D Kernels, or 10 x 19-Bit
Data and Coefficients
• Programmable Decimation to 16
• Programmable Rounding on Output
• Standard Microprocessor Interface
Applications
• Quadrature, Complex Filtering
• Image Processing
• Polyphase Filtering
• Adaptive Filtering
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HSP43168VC-33
0 to 70
100 Ld MQFP
Q100.14x20
HSP43168VC-40
0 to 70
100 Ld MQFP
Q100.14x20
HSP43168VC-45
0 to 70
100 Ld MQFP
Q100.14x20
HSP43168JC-33
0 to 70
84 Ld PLCC
N84.1.15
HSP43168JC-40
0 to 70
84 Ld PLCC
N84.1.15
HSP43168JC-45
0 to 70
84 Ld PLCC
N84.1.15
HSP43168JI-40
-40 to 85
84 Ld PLCC
N84.1.15
HSP43168GC-45
0 to 70
84 Ld CPGA
G84.A
FIR CELL A
COEFFICIENT
BANK A
CIN0 - 9
A0 - 8
WR
INA0 - 9
OUT9 - 27
CONTROL/
CONFIGURATION
MUX /
ADDER
10
919
INB0 - 9/
OUT0 - 8
OEH
OEL
CSEL0 - 4
MUX
MUX
FIR CELL B
COEFFICIENT
BANK B
10
10
9
Data Sheet
November 1999


Similar Part No. - HSP43168JC-33Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP43168JC-33Z RENESAS-HSP43168JC-33Z Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
More results

Similar Description - HSP43168JC-33Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
   Dual FIR Filter
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
   Dual FIR Filter
logo
LOGIC Devices Incorpora...
LF43168 LODEV-LF43168 Datasheet
184Kb / 16P
   Dual 8-Tap FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
   Programmable FIR Filter
logo
Frequency Devices, Inc.
SPPDM-01 FREQUENCYDEVICES-SPPDM-01 Datasheet
730Kb / 4P
   Dual Channel, Differential Input FIR Filter Platform
logo
Zarlink Semiconductor I...
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
   Programmable FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com