Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54209IRTZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL54209IRTZ-T
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54209IRTZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL54209IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL54209IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54209IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54209IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54209IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54209IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54209IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54209IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54209IRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN6627.4
June 10, 2010
ON-Resistance, rON
VDD = 4.2V, IN = 0V, CTRL = VDD,
ICOMx =40mA, VL or VR = -0.85V to 0.85V
(Figure 3)
25
-
2.35
-
Ω
ON-Resistance, rON
VDD = 2.85V, IN = 0V, CTRL = VDD, ICOMx =
40mA, VL or VR = -0.85V to 0.85V (Figure 3)
25
-
2.72
-
Ω
Discharge Pull-Down
Resistance, RL, RR
VDD = 3.6V, IN = 0V, CTRL = 1.4V, VCOM- or
VCOM+ = -0.85V, 0.85V, VL or VR = -0.85V,
0.85V, VD+ and VD- = floating; measure
current through the discharge pull-down
resistor and calculate resistance value.
+25
-
50
-
USB Switches (D+, D-)
Analog Signal Range,
VANALOG
VDD = 2.7V to 3.6V, IN = 1.4V, CTRL = 1.4V Full
0
-
VDD
V
ON-Resistance, rON
(High-Speed)
VDD = 3.3V, IN = 1.4V, CTRL = 1.4V,
ICOMx = 40mA, VD+ or VD- = 0V to 400mV
(Figure 4, Note 15)
25
-
5
6.5
Ω
Full
-
-
7
Ω
rON Matching Between
Channels, ΔrON
(High-Speed)
VDD = 3.3V, IN = 1.4V, CTRL = 1.4V, ICOMx
= 40mA, VD+ or VD- = Voltage at max rON
(Notes 15, 16)
25
-
0.05
0.25
Ω
Full
-
-
0.55
Ω
rON Flatness, rFLAT(ON)
(High-Speed)
VDD = 3.3V, IN = 1.4V, CTRL = 1.4V,
ICOMx = 40mA, VD+ or VD- = 0V to 400mV
(Notes 14, 15)
25
-
0.45
0.55
Ω
Full
-
-
1.0
Ω
ON-Resistance, rON
(Full-Speed)
VDD = 3.3V, IN = 1.4V, CTRL = 1.4V,
ICOMx = 1mA, VD+ or VD- = 3.3V (Figure 4,
Note 15)
25
-
25
30
Ω
Full
-
-
35
Ω
ON-Resistance, rON
VDD = 5.0V, IN = VDD, CTRL = VDD, ICOMx =
1mA, VD+ or VD- = 5V (Figure 4)
+25
-
20
-
Ω
ON-Resistance, rON
VDD = 4.2V, IN = VDD, CTRL = VDD, ICOMx =
1mA, VD+ or VD- = 4.2V (Figure 4)
25
-
22
-
Ω
ON-Resistance, rON
VDD = 2.85V, IN = VDD, CTRL = VDD, ICOMx
= 1mA, VD+ or VD- = 2.85V (Figure 4)
25
-
28
-
Ω
OFF-Leakage Current,
ID+(OFF) or ID-(OFF)
VDD = 3.6V, IN = 0V, CTRL = 3.6V, VCOM- or
VCOM+ = 0.5V, 0V, VD+ or VD- = 0V, 0.5V,
VL and VR = float
25
-5
0.5
5
nA
Full
-60
-
60
nA
ON-Leakage Current, IDX VDD = 3.6V, IN = VDD, CTRL = 0V or VDD,
VD+ or VD- = 2.7V, VCOM- or VCOM+ =Float,
VL and VR = float
25
-10
2
10
nA
Full
-70
-
70
nA
DYNAMIC CHARACTERISTICS
USB Turn-ON Time, tON VDD = 3.0V, RL = 50Ω, CL = 10pF (Figure 1) 25
-
52
-
ns
USB Turn-OFF Time, tOFF VDD = 3.0V, RL = 50Ω, CL = 10pF (Figure 1) 25
-
20
-
ns
Audio Turn-ON Time, tON VDD = 3.0V, RL = 50Ω, CL = 10pF (Figure 1) 25
-
2.5
-
µs
Audio Turn-OFF Time,
tOFF
VDD = 3.0V, RL = 50Ω, CL = 10pF (Figure 1) 25
-
50
-
ns
Break-Before-Make Time
Delay, tD
VDD = 3.0V, RL = 50Ω, CL = 10pF (Figure 2) 25
-
44
-
ns
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VINH = VCTRLH = 1.4V,
VINL = VCTRLL = 0.5V, (Note 11), Unless Otherwise Specified. Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 12, 13) TYP
MAX
(Notes 12, 13) UNITS
ISL54209


Similar Part No. - ISL54209IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54209IRTZ-T RENESAS-ISL54209IRTZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
More results

Similar Description - ISL54209IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54215 RENESAS-ISL54215 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Intersil Corporation
ISL54215 INTERSIL-ISL54215 Datasheet
660Kb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Renesas Technology Corp
ISL54209 RENESAS-ISL54209 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com