Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54220IRUZ-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL54220IRUZ-T
Description  High-Speed USB 2.0 480Mbps Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54220IRUZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL54220IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54220IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54220IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54220IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54220IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54220IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54220IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54220IRUZ-T Datasheet HTML 12Page - Intersil Corporation ISL54220IRUZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN6819.1
February 4, 2010
Application Block Diagram
Detailed Description
The ISL54220 device is a dual single pole/double throw
(SPDT) analog switch configured as a DPDT that operates
from a single DC power supply in the range of 2.7V to
5.5V.
It was designed to function as a dual 2-to-1 multiplexer
to select between two USB high-speed differential data
signals in portable battery powered products. It is offered
in a TDFN, MSOP, and a small µTQFN packages for use in
MP3 players, cameras, PDAs, cell phones, and other
personal media players. The device has an enable pin to
open all switches.
The part consists of four 6Ω high speed (HSx) switches.
These switches have high bandwidth and low capacitance
to pass USB high-speed (480Mbps) differential data
signals with minimal edge and phase distortion. They can
also swing from 0V to VDD to pass USB full speed
(12Mbps) differential data signals with minimal
distortion.
The ISL54220 was designed for MP3 players, cameras,
cell phones, and other personal media player applications
that have multiple high-speed or full-speed transceivers
sections and need to multiplex between these USB
sources to a single USB host (computer). A typical
application block diagram of this is shown on page 9.
A detailed description of the HS switches is provided in
the following section.
High-Speed (HSx) Switches
The HSx switches (HSD1-, HSD1+, HSD2-, HSD2+) are
bi-directional switches that can pass rail-to-rail signals.
When powered with a 3.3V supply, these switches have a
nominal rON of 6Ω over the signal range of 0V to 400mV
with a rON flatness of 0.94Ω. The rON matching between
the HSD1 and HSD2 switches over this signal range is
only 0.12Ω, ensuring minimal impact by the switches to
USB high speed signal transitions. As the signal level
increases, the rON switch resistance increases. At signal
level of 3.3V, the switch resistance is nominally 129Ω.
See Figures 7, 8, 9, 10 in the “Typical Performance
Curves” beginning on page 11.
The HSx switches were specifically designed to pass USB
2.0 high-speed (480Mbps) differential signals in the
range of 0V to 400mV. They have low capacitance and
high bandwidth to pass the USB high-speed signals with
minimum edge and phase distortion to meet USB 2.0
high speed signal quality specifications. See Figure 11 in
the “Typical Performance Curves” on page 12 for USB
High-speed Eye Pattern taken with switch in the signal
path.
The HSx switches can also pass USB full-speed signals
(12Mbps) with minimal distortion and meet all the USB
requirements for USB 2.0 full-speed signaling. See
Figure 12 in the “Typical Performance Curves” on
page 13 for USB Full-speed Eye Pattern taken with
switch in the signal path.
The maximum normal operating signal range for the
HSx switches is from 0V to VDD. The signal voltage
should not be allow to exceed the VDD voltage rail or go
below ground by more than -0.3V for normal operation.
However, in the event that the USB 5.25V VBUS voltage
gets shorted to one or both of the D-/D+ pins, the
ISL54220 has special fault protection circuitry to prevent
damage to the ISL54220 part. The fault circuitry allows
the signal pins (D-, D+, HS1D-, HS1D+, HS2D-, HS2D+)
to be driven up to 5.5V while the VDD supply voltage is in
the range of 0V to 5.5V. In this condition the part draws
< 500µA of current and causes no stress to the IC. In
addition when VDD is at 0V (ground) all switches are OFF
PORTABLE MEDIA DEVICE
ISL54220
USB
TRANSCEIVER
HIGH-SPEED
D-
D+
SEL
GND
HSD1-
HSD1+
HSD2-
HSD2+
VDD
OE
LOGIC CIRCUITRY
µCONTROLLER
USB
TRANSCEIVER
FULL-SPEED
VBUS
D-
D+
GND
OR
FULL-SPEED
HIGH_SPEED
OR
#1
#2
ISL54220


Similar Part No. - ISL54220IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54220IRUZ-T INTERSIL-ISL54220IRUZ-T Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54220IRUZ-T RENESAS-ISL54220IRUZ-T Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

Similar Description - ISL54220IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com