Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6256HRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6256HRZ
Description  Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6256HRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6256HRZ Datasheet HTML 1Page - Intersil Corporation ISL6256HRZ Datasheet HTML 2Page - Intersil Corporation ISL6256HRZ Datasheet HTML 3Page - Intersil Corporation ISL6256HRZ Datasheet HTML 4Page - Intersil Corporation ISL6256HRZ Datasheet HTML 5Page - Intersil Corporation ISL6256HRZ Datasheet HTML 6Page - Intersil Corporation ISL6256HRZ Datasheet HTML 7Page - Intersil Corporation ISL6256HRZ Datasheet HTML 8Page - Intersil Corporation ISL6256HRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
®
FN6499.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6256, ISL6256A
Highly Integrated Battery Charger with
Automatic Power Source Selector for
Notebook Computers
The ISL6256, ISL6256A is a highly integrated battery charger
controller for Li-Ion/Li-Ion polymer batteries. High Efficiency is
achieved by a synchronous buck topology and the use of a
MOSFET, instead of a diode, for selecting power from the
adapter or battery. The low side MOSFET emulates a diode at
light loads to improve the light load efficiency and prevent
system bus boosting.
The constant output voltage can be selected for 2, 3 and 4
series Li-Ion cells with 0.5% accuracy over-temperature. It
can also be programmed between 4.2V+5%/cell and 4.2V-
5%/cell to optimize battery capacity. When supplying the load
and battery charger simultaneously, the input current limit for
the AC adapter is programmable to within 3% accuracy to
avoid overloading the AC adapter, and to allow the system to
make efficient use of available adapter power for charging. It
also has a wide range of programmable charging current. The
ISL6256, ISL6256A provides outputs that are used to monitor
the current drawn from the AC adapter, and monitor for the
presence of an AC adapter. The ISL6256, ISL6256A
automatically transitions from regulating current mode to
regulating voltage mode.
ISL6256, ISL6256A has a feature for automatic power source
selection by switching to the battery when the AC adapter is
removed or switching to the AC adapter when the AC adapter
is available. It also provides a DC adapter monitor to support
aircraft power applications with the option of no battery
charging.
Features
• ±0.5% Charge Voltage Accuracy (-10°C to +100°C)
• ±3% Accurate Input Current Limit
• ±3% Accurate Battery Charge Current Limit
• ±25% Accurate Battery Trickle Charge Current Limit
• Programmable Charge Current Limit, Adapter Current
Limit and Charge Voltage
• Fixed 300kHz PWM Synchronous Buck Controller with
Diode Emulation at Light Load
• Overvoltage Protection
• Output for Current Drawn from AC Adapter
• AC Adapter Present Indicator
• Fast Input Current Limit Response
• Input Voltage Range 7V to 25V
• Support 2-, 3- and 4-Cells Battery Pack
• Up to 17.64V Battery-Voltage Set Point
• Control Adapter Power Source Select MOSFET
• Thermal Shutdown
• Aircraft Power Capable
• DC Adapter Present Indicator
• Battery Discharge MOSFET Control
• Less than 10µA Battery Leakage Current
• Supports Pulse Charging
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Notebook, Desknote and Sub-notebook Computers
• Personal Digital Assistant
Ordering Information
PART
NUMBER
(Notes 1, 2)
PART
MARKING
TEMP
RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL6256HRZ*
ISL 6256HRZ
-10 to +100 28 Ld 5x5 QFN L28.5
×5
ISL6256HAZ*
ISL 6256HAZ
-10 to +100 28 Ld QSOP
M28.15
ISL6256AHRZ* ISL6256 AHRZ -10 to +100 28 Ld 5x5 QFN L28.5
×5
ISL6256AHAZ* ISL6256 AHAZ
-10 to +100 28 Ld QSOP
M28.15
NOTES:
1. Intersil Pb-free plus anneal products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. *Add “-T” for Tape and Reel. Please refer to TB347 for details on reel
specifications.
Data Sheet
July 19, 2007


Similar Part No. - ISL6256HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6256HRZ RENESAS-ISL6256HRZ Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results

Similar Description - ISL6256HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6255 INTERSIL-ISL6255_06 Datasheet
659Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6255 RENESAS-ISL6255 Datasheet
1Mb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com