Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6227IA Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6227IA
Description  Dual Mobile-Friendly PWM Controller with DDR Option
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6227IA Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6227IA Datasheet HTML 1Page - Intersil Corporation ISL6227IA Datasheet HTML 2Page - Intersil Corporation ISL6227IA Datasheet HTML 3Page - Intersil Corporation ISL6227IA Datasheet HTML 4Page - Intersil Corporation ISL6227IA Datasheet HTML 5Page - Intersil Corporation ISL6227IA Datasheet HTML 6Page - Intersil Corporation ISL6227IA Datasheet HTML 7Page - Intersil Corporation ISL6227IA Datasheet HTML 8Page - Intersil Corporation ISL6227IA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
®
ISL6227
Dual Mobile-Friendly PWM Controller with
DDR Option
The ISL6227 dual PWM controller delivers high efficiency
precision voltage regulation from two synchronous buck DC/DC
converters. It was designed especially to provide power
regulation for DDR memory, chipsets, graphics and other
system electronics in Notebook PCs. The ISL6227’s wide
input voltage range capability allows for voltage conversion
directly from AC/DC adaptor or Li-Ion battery pack.
Automatic mode transition of constant-frequency synchronous
rectification at heavy load, and hysteretic (HYS)
diode-emulation at light load, assure high efficiency over a wide
range of conditions. The HYS mode of operation can be
disabled separately on each PWM converter if
constant-frequency continuous-conduction operation is desired
for all load levels. Efficiency is further enhanced by using the
lower MOSFET rDS(ON) as the current sense element.
Voltage-feed-forward ramp modulation, current mode
control, and internal feedback compensation provide fast
response to input voltage and load transients. Input current
ripple is minimized by channel-to-channel PWM phase shift
of 0°, 90° or 180° (determined by input voltage and status of
the DDR pin).
The ISL6227 can control two independent output voltages
adjustable from 0.9V to 5.5V, or by activating the DDR pin,
transform into a complete DDR memory power supply
solution. In DDR mode, CH2 output voltage VTT tracks CH1
output voltage VDDQ. CH2 output can both source and sink
current, an essential power supply feature for DDR memory.
The reference voltage VREF required by DDR memory is
generated as well.
In dual power supply applications the ISL6227 monitors the
output voltage of both CH1 and CH2. An independent PGOOD
(power good) signal is asserted for each channel after the
soft-start sequence has completed, and the output voltage is
within PGOOD window. In DDR mode CH1 generates the only
PGOOD signal.
Built-in overvoltage protection prevents the output from going
above 115% of the set point by holding the lower MOSFET on
and the upper MOSFET off. When the output voltage re-enters
regulation, PGOOD will go HIGH and normal operation
automatically resumes. Once the soft-start sequence has
completed, undervoltage protection latches the offending
channel off if the output drops below 75% of its set point value.
Adjustable overcurrent protection (OCP) monitors the voltage
drop across the rDS(ON) of the lower MOSFET. If more precise
current-sensing is required, an external current sense resistor
may be used.
Features
• Provides Regulated Output Voltage in the Range 0.9V to
5.5V
• Operates From an Input Battery Voltage Range of 5V to
28V or From 3.3V/5V System Rail
• Complete DDR1 and DDR2 Memory Power Solution with
VTT Tracking VDDQ/2 and a VDDQ/2 Buffered Reference
Output
• Flexible PWM or HYS Plus PWM Mode Selection with
HYS Diode Emulation at Light Loads for Higher System
Efficiency
•rDS(ON) Current Sensing
• Excellent Dynamic Response With Voltage Feed-Forward
and Current Mode Control Accommodating Wide Range
LC Filter Selections
• Undervoltage Lock-Out on VCC Pin
• Power-Good, Overcurrent, Overvoltage, Undervoltage
Protection for Both Channels
• Synchronized 300kHz PWM Operation in PWM Mode
• Pb-Free Available (RoHS compliant)
Applications
• Notebook PCs and Desknotes
• Tablet PCs/Slates
• Hand-Held Portable Instruments
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6227CA*
ISL 6227CA
-10 to +100 28 Ld QSOP M28.15
ISL6227CAZ*
(Note)
ISL 6227CAZ -10 to +100 28 Ld QSOP
(Pb-Free)
M28.15
ISL6227IA*
ISL 6227IA
-40 to +100 28 Ld QSOP M28.15
ISL6227IAZ*
(Note)
ISL 6227IAZ
-40 to +100 28 Ld QSOP
(Pb-Free)
M28.15
ISL6227HRZ*
(Note)
ISL 6227HRZ -10 to +100 28 Ld QFN
(Pb-Free)
L28.5x5
ISL6227IRZ*
(Note)
ISL 6227IRZ
-40 to +100 28 Ld QFN
(Pb-Free)
L28.5x5
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on
reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004-2007, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
May 4, 2009
Data Sheet
FN9094.7


Similar Part No. - ISL6227IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6227IA INTERSIL-ISL6227IA Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227IA RENESAS-ISL6227IA Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227IAZ INTERSIL-ISL6227IAZ Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227IAZ RENESAS-ISL6227IAZ Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results

Similar Description - ISL6227IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com