Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54213IRUZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL54213IRUZ-T
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54213IRUZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL54213IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54213IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54213IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54213IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54213IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54213IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54213IRUZ-T Datasheet HTML 12Page - Intersil Corporation ISL54213IRUZ-T Datasheet HTML 13Page - Intersil Corporation ISL54213IRUZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN6663.0
March 26, 2008
of the ISL54213 low. As long as the CTRL = Logic “1,” the
ISL54213 part will be in the audio mode and the audio
drivers of the media player can drive the headphones and
play music.
USB Mode
If the IN pin = Logic “1” and CTRL pin = Logic “0” or Logic
“1”, the part will go into USB mode. In USB mode, the D- and
D+ 5.5
Ω switches are ON and the L and R 2.5Ω audio
switches are OFF (high impedance).
When a USB cable from a computer or USB hub is
connected at the common connector, the µprocessor will
sense the presence of the 5V VBUS voltage and drive the IN
pin voltage high. The ISL54213 part will go into the USB
mode. In USB mode, the computer or USB hub transceiver
and the MP3 player or cell phone USB transceiver are
connected and digital data will be able to be transmitted
back and forth.
When the USB cable is disconnected, the µprocessor will
sense that the 5V VBUS voltage is no longer connected and
will drive the IN pin low and put the part back into the Audio
or Mute mode.
Mute Mode
If the IN pin = Logic “0” and CTRL pin = Logic “0”, the part
will be in the Mute mode. In the Mute mode, the audio
switches and the USB switches are OFF (high impedance).
In this state the switches have excellent off-isolation (112dB
over the audio band with a 32
Ω load) for muting of audio
signals.
USING THE COMPUTER VBUS VOLTAGE TO DRIVE THE
“IN” PIN
Rather than using a microprocessor to control the IN logic
pin, one can directly drive the IN pin using the VBUS voltage
from the computer or USB hub. See the application block
diagram in Figure 9.
When a headphone or nothing is connected at the common
connector, the internal 4M
Ω pull-down will pull the IN pin low
putting the ISL54213 in the Audio or Mute mode, depending
on the condition of the CTRL pin.
When a USB cable is connected at the common connector,
the voltage at the IN pin will be driven to 5V and the part will
automatically go into the USB mode.
When the USB cable is disconnected from the common
connector, the voltage at the IN pin will be pulled low by the
pull-down resistor and return to the Audio or Mute mode,
depending on the condition of the CTRL pin.
Note: The ISL54213 contains an internal diode between the
IN pin and VDD pin. Whenever the IN voltage is greater than
the VDD voltage by more than 0.7V, current will flow through
this diode into the VDD power supply bus. An external series
resistor in the range of 100k
Ω to 500kΩ is required at the IN
logic pin to limit the current when driving it with the VBUS
voltage. This allows the VBUS voltage from a computer or
USB hub (4.4V to 5.25V) to drive the IN pin while the VDD
voltage is in the range of 2.5V to 3.6V. A 500k
Ω resistor will
limit the current to 2.76µA and still allow the IN logic voltage
to go to around 3.67V which is will above the required VINH
level of 1.4V. A smaller series resistor can be used but more
current will flow.
Typical Performance Curves TA = +25°C, Unless Otherwise Specified.
FIGURE 10. THD+N vs SUPPLY VOLTAGE vs FREQUENCY
FIGURE 11. THD+N vs SIGNAL LEVELS vs FREQUENCY
FREQUENCY (Hz)
20
200
2k
20k
RLOAD = 32Ω
VLOAD = 0.707VRMS
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
VDD = 2.6V
VDD = 2.7V
VDD = 3.6V
VDD = 3V
FREQUENCY (Hz)
20
200
2k
20k
RLOAD = 32Ω
VDD = 3V
0.02
0.04
0.06
0.08
0.10
2VP-P
1VP-P
3VP-P
2.5VP-P
ISL54213


Similar Part No. - ISL54213IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54213IRUZ-T RENESAS-ISL54213IRUZ-T Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
More results

Similar Description - ISL54213IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54213 RENESAS-ISL54213 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com