Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5378IUZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5378IUZ
Description  700MHz Differential Twisted-Pair Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5378IUZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5378IUZ Datasheet HTML 2Page - Intersil Corporation EL5378IUZ Datasheet HTML 3Page - Intersil Corporation EL5378IUZ Datasheet HTML 4Page - Intersil Corporation EL5378IUZ Datasheet HTML 5Page - Intersil Corporation EL5378IUZ Datasheet HTML 6Page - Intersil Corporation EL5378IUZ Datasheet HTML 7Page - Intersil Corporation EL5378IUZ Datasheet HTML 8Page - Intersil Corporation EL5378IUZ Datasheet HTML 9Page - Intersil Corporation EL5378IUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN7491.4
August 25, 2010
FIGURE 3. EL5178 FREQUENCY RESPONSE FOR VARIOUS
CLD
FIGURE 4. EL5178 FREQUENCY RESPONSE FOR VARIOUS
RLD
FIGURE 5. EL5178 FREQUENCY RESPONSE FOR VARIOUS
VOP-P
FIGURE 6. EL5378 FREQUENCY RESPONSE FOR VARIOUS RF
FIGURE 7. EL5378 FREQUENCY RESPONSE FOR VARIOUS
GAIN
FIGURE 8. EL5378 FREQUENCY RESPONSE FOR VARIOUS
CLD
Typical Performance Curves (Continued)
VS = ±5V
RLD = 200Ω
RF = 422Ω
AV = 2
CLD = 0pF
CLD = 5.6pF
CLD = 12pF
CLD = 22pF
FREQUENCY (Hz)
100k
1M
10M
100M
1G
RLD = 200Ω
RLD = 1kΩ
VS = ±5V
RF = 422Ω
CLD = 0pF
AV = 2
FREQUENCY (Hz)
FREQUENCY (Hz)
100k
1M
10M
100M
1G
VS = ±5V
RF = 422Ω
RLD = 200Ω
CLD = 5.6pF
AV = 2
VOPP = 200mV
VOPP = 1V
VOPP = 2V
FREQUENCY (Hz)
100k
1M
10M
100M
1G
VS = ±5V
RLD = 1kΩ
CLD = 0pF
AV = 2
Rf = 154Ω
Rf = 210Ω
Rf = 422Ω
100k
1M
10M
100M
20
10
-15
FREQUENCY (Hz)
15
5
1G
-5
0
-10
VS = ±5V
RLD = 1kΩ
CLD = 0pF
RF = 422Ω
AV = 5
AV = 2
FREQUENCY (Hz)
100k
1M
10M
100M
1G
VS = ±5V
RF = 422Ω
RLD = 200Ω
AV = 2
CLD = 12pF
CLD = 5.6pF
CLD = 0pF
EL5178, EL5378


Similar Part No. - EL5378IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5378IUZ INTERSIL-EL5378IUZ Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5378IUZ INTERSIL-EL5378IUZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
logo
Renesas Technology Corp
EL5378IUZ RENESAS-EL5378IUZ Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5378IUZ-T13 INTERSIL-EL5378IUZ-T13 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5378IUZ-T7 INTERSIL-EL5378IUZ-T7 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5378IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
EL5178 INTERSIL-EL5178_07 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com