Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28274 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL28274
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28274 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL28274 Datasheet HTML 4Page - Intersil Corporation ISL28274 Datasheet HTML 5Page - Intersil Corporation ISL28274 Datasheet HTML 6Page - Intersil Corporation ISL28274 Datasheet HTML 7Page - Intersil Corporation ISL28274 Datasheet HTML 8Page - Intersil Corporation ISL28274 Datasheet HTML 9Page - Intersil Corporation ISL28274 Datasheet HTML 10Page - Intersil Corporation ISL28274 Datasheet HTML 11Page - Intersil Corporation ISL28274 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN6345.0
December 13, 2006
FIGURE 19. AMPLIFIER “B” (OP-AMP) SMALL SIGNAL
TRANSIENT RESPONSE
FIGURE 20. AMPLIFIER “B” (OP-AMP) LARGE SIGNAL
TRANSIENT RESPONSE
FIGURE 21. AMPLIFIER “B” (OP-AMP) CURRENT NOISE vs
FREQUENCY
FIGURE 22. AMPLIFIER “B” (OP-AMP) VOLTAGE NOISE vs
FREQUENCY
FIGURE 23. AMPLIFIER “B” (OP-AMP) 0.1Hz TO 10Hz INPUT
VOLTAGE NOISE
FIGURE 24. AMPLIFIER “B” (OP-AMP) INPUT VOLTAGE
SWING ABOVE THE V+ SUPPLY
Typical Performance Curves (Continued)
2.42
2.46
2.48
2.50
2.52
2.54
2.56
0
2
4
6
8
10
12
14
16
18
20
2.44
VIN
VOUT = 0.1Vp-p
RL = 1kΩ
VS = 5VDC
AV = +1
TIME (µs)
VOUT
VIN
VOUT
0
50
100
150
200
250
VOUT = 2Vp-p
RL = 1kΩ
VS = 5VDC
AV = -2
0
1.0
2.0
3.0
5.0
4.0
TIME (µs)
0.01
0.10
1.00
10.00
1
10
100
1k
10k
FREQUENCY (Hz)
100k
1k
100
10
1
1
10
100
10k
100k
FREQUENCY (Hz)
1k
TIME (1s/DIV)
5.4µVP-P
VOUT
V+ = 5V
TIME (ms)
0
1
2
3
4
6
0
50
100
150
200
5
VIN
100K
100K
1K
Function
Generator
33140A
-
+
DUT
VS+
VS-
100K
100K
1K
Function
Generator
33140A
-
+
DUT
100K
100K
1K
Function
Generator
33140A
-
+
DUT
VS+
VS-
ISL28274, ISL28474


Similar Part No. - ISL28274

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
ISL28270 INTERSIL-ISL28270 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28270IAZ INTERSIL-ISL28270IAZ Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
ISL28270IAZ INTERSIL-ISL28270IAZ Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
More results

Similar Description - ISL28274

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
[Old version datasheet]   Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
National Semiconductor ...
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com