Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3179E Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL3179E
Description  High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3179E Datasheet(HTML) 3 Page - Intersil Corporation

  ISL3179E Datasheet HTML 1Page - Intersil Corporation ISL3179E Datasheet HTML 2Page - Intersil Corporation ISL3179E Datasheet HTML 3Page - Intersil Corporation ISL3179E Datasheet HTML 4Page - Intersil Corporation ISL3179E Datasheet HTML 5Page - Intersil Corporation ISL3179E Datasheet HTML 6Page - Intersil Corporation ISL3179E Datasheet HTML 7Page - Intersil Corporation ISL3179E Datasheet HTML 8Page - Intersil Corporation ISL3179E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
FN6365.2
April 22, 2008
GND
Ground connection.
A/Y
±16.5kV IEC61000 ESD Protected RS-485/RS-422 level, non-inverting receiver input and non-inverting driver output. Pin is an input
(A) if DE = 0; pin is an output (Y) if DE = 1. ISL3179E only
B/Z
±16.5kV IEC61000 ESD Protected RS-485/RS-422 level, inverting receiver input and inverting driver output. Pin is an input (B) if DE
= 0; pin is an output (Z) if DE = 1. ISL3179E only
A
±12kV HBM ESD Protected RS-485/RS-422 level, non-inverting receiver input. ISL3180E only
B
±12kV HBM ESD Protected RS-485/RS-422 level, inverting receiver input. ISL3180E only
Y
±12kV HBM ESD Protected RS-485/RS-422 level, non-inverting driver output. ISL3180E only
Z
±12kV HBM ESD Protected RS-485/RS-422 level, inverting driver output. ISL3180E only
VCC
System power supply input (3.0V to 3.6V).
NC
No Connection.
Typical Operating Circuit
ISL3179E
ISL3180E
Pin Descriptions (Continued)
PIN
FUNCTION
0.1µF
+
D
R
7
6
8
1
2
3
4
5
VCC
GND
RO
RE
DE
DI
A/Y
B/Z
+3.3V
0.1µF
+
D
R
6
7
8
1
2
3
4
5
VCC
GND
RO
RE
DE
DI
A/Y
B/Z
+3.3V
RT
RT
(SOIC AND MSOP PIN NUMBERS SHOWN)
0.1µF
+
D
R
12
11
10
9
14
2
3
4
5
6, 7
VCC
GND
RO
RE
DE
DI
A
B
Y
Z
+3.3V
0.1µF
+
D
R
12
11
10
9
14
2
3
4
5
6, 7
VCC
GND
RO
RE
DE
DI
A
B
Y
Z
+3.3V
RT
RT
(PIN NUMBERS FOR SOIC)
ISL3179E, ISL3180E


Similar Part No. - ISL3179E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3179EFBZ RENESAS-ISL3179EFBZ Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results

Similar Description - ISL3179E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com