Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32653A8332 Datasheet(PDF) 7 Page - EPCOS

Part # B32653A8332
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32653A8332 Datasheet(HTML) 7 Page - EPCOS

Back Button B32653A8332 Datasheet HTML 3Page - EPCOS B32653A8332 Datasheet HTML 4Page - EPCOS B32653A8332 Datasheet HTML 5Page - EPCOS B32653A8332 Datasheet HTML 6Page - EPCOS B32653A8332 Datasheet HTML 7Page - EPCOS B32653A8332 Datasheet HTML 8Page - EPCOS B32653A8332 Datasheet HTML 9Page - EPCOS B32653A8332 Datasheet HTML 10Page - EPCOS B32653A8332 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Overview of available types
Lead spacing 37.5 mm
Type
B32656
Page
17
VR (V DC)
850
1000
1250
1600
2000
VRMS (V AC)
450
500
500
600
700
CR (nF)
100
150
220
330
470
560
680
820
1000
1200
1500
2200
B32651 ... B32656
High pulse (wound)
Page 7 of 40
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32653A8332

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32653A8332 EPCOS-B32653A8332 Datasheet
961Kb / 28P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A8332 EPCOS-B32653A8332 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A8332 EPCOS-B32653A8332 Datasheet
657Kb / 39P
   Film Capacitors
logo
TDK Electronics
B32653A8332JN1 TDK-B32653A8332JN1 Datasheet
200Kb / 25P
   Laser marking for EPCOS film capacitors from Nashik and Zhuhai
April 8, 2016
B32653A8332KN1 TDK-B32653A8332KN1 Datasheet
200Kb / 25P
   Laser marking for EPCOS film capacitors from Nashik and Zhuhai
April 8, 2016
More results

Similar Description - B32653A8332

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com