Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3179EFRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL3179EFRZ
Description  High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3179EFRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL3179EFRZ Datasheet HTML 1Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 2Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 3Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 4Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 5Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 6Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 7Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 8Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN6365.2
ISL3179E, ISL3180E
High ESD Protected, +125°C, 40Mbps,
3.3V, Full Fail-Safe, RS-485/RS-422
Transceivers
Intersil’s ISL3179E and ISL3180E are high ESD Protected
(see Table 1 below), 3.3V powered, single transceivers that
meet both the RS-485 and RS-422 standards for balanced
communication. Each device has low bus currents
(+220µA/-150µA), so it presents a “1/5 unit load” to the
RS-485 bus. This allows up to 160 transceivers on the
network without violating the RS-485 specification’s 32 unit
load maximum, and without using repeaters.
Receiver (Rx) inputs feature a “Full Fail-Safe” design, which
ensures a logic high Rx output if Rx inputs are floating,
shorted, or terminated but undriven.
The ISL3180E is configured for full duplex applications. The
ISL3179E half duplex version multiplexes the Rx inputs and
Tx outputs to allow a transceiver with an output disable
function in 8 Ld packages.
Hot Plug circuitry ensures that the Tx and Rx outputs remain
in a high impedance state while the power supply stabilizes.
Features
• High ESD Protection on RS-485 I/O Pins
- ISL3179E . . . . . . . . . . . . . . . . . . . . . ±16.5kV IEC61000
- ISL3180E . . . . . . . . . . . . . . . . . . . . . . . . . . ±12kV HBM
- Class 3 HBM ESD Level on all Other Pins . . . . . . . >9kV
• Specified for +125°C Operation
• High Data Rates . . . . . . . . . . . . . . . . . . . . . . up to 40Mbps
• 5V Tolerant Logic Inputs
• 1/5 Unit Load Allows up to 160 Devices on the Bus
• Full Fail-Safe (Open, Shorted, Terminated/Undriven)
Receiver
• Hot Plug - Tx and Rx Outputs Remain Three-State During
Power-Up
• Low Quiescent Current . . . . . . . . . . . . . . . . . . 4mA (Max)
• Low Current Shutdown Mode. . . . . . . . . . . . . . 1µA (Max)
• -7V to +12V Common Mode Input Voltage Range
• Three-State Rx and Tx Outputs
• 16/16.5ns (Max) Tx/Rx Propagation Delays; 1.5ns (Max)
Skew
• Operates from a Single +3.3V Supply (10% Tolerance)
• Current Limiting and Thermal Shutdown for driver
Overload Protection
• Pb-Free (RoHS Compliant)
Applications
• Motor Controller/Position Encoder Systems
• Factory Automation
• Field Bus Networks
• Security Networks
• Building Environmental Control Systems
• Industrial/Process Control Networks
Ordering Information
PART
NUMBER
(Note)
PART
MARKING #
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL3179EFBZ* 3179 EFBZ
-40 to +125 8 Ld SOIC
M8.15
ISL3179EFUZ* 179FZ
-40 to +125 8 Ld MSOP
M8.118
ISL3179EFRZ* 79FZ
-40 to +125 10 Ld DFN
L10.3x3C
ISL3179EIBZ*
3179 EIBZ
-40 to +85 8 Ld SOIC
M8.15
ISL3179EIUZ*
179IZ
-40 to +85 8 Ld MSOP
M8.118
ISL3179EIRZ*
79IZ
-40 to +85 10 Ld DFN
L10.3x3C
ISL3180EIBZ*
ISL3180 EIBZ
-40 to +85 14 Ld SOIC
M14.15
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on
reel specifications
NOTE: These Intersil Pb-free plastic packaged products employ special
Pb-free material sets; molding compounds/die attach materials and
100% matte tin plate PLUS ANNEAL - e3 termination finish, which is
RoHS compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free peak
reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
HALF/FULL
DUPLEX
DATA RATE
(Mbps)
RS-485 PIN
ESD LEVEL
HOT
PLUG?
RX/TX
ENABLE?
QUIESCENT
ICC (mA)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL3179E
HALF
40
16.5kV IEC61000
YES
YES
2.6
YES
8, 10
ISL3180E
FULL
40
12kV HBM
YES
YES
2.6
YES
14
Data Sheet
April 22, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL3179EFRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3179EFRZ INTERSIL-ISL3179EFRZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3179EFRZ RENESAS-ISL3179EFRZ Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results

Similar Description - ISL3179EFRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com