Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29008 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL29008
Description  Small, Low Power, Current-Output Ambient Light Photo Detect IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29008 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL29008 Datasheet HTML 1Page - Intersil Corporation ISL29008 Datasheet HTML 2Page - Intersil Corporation ISL29008 Datasheet HTML 3Page - Intersil Corporation ISL29008 Datasheet HTML 4Page - Intersil Corporation ISL29008 Datasheet HTML 5Page - Intersil Corporation ISL29008 Datasheet HTML 6Page - Intersil Corporation ISL29008 Datasheet HTML 7Page - Intersil Corporation ISL29008 Datasheet HTML 8Page - Intersil Corporation ISL29008 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN6282.1
September 21, 2010
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VDD and GND . . . . . . . . . . . . . . . . . . 3.6V
Pin Voltage (ISRC, ISNK and EN) . . . . . . . . . . . . . . . -0.2V to 3.6V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . . 6mA
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
ESD Voltage
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance
θJA (°C/W)
6 Ld ODFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +90°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -45°C to +100°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-45°C to +85°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VDD = 3V, TA = +25°C, RL = 100kΩ, green LED light, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
E
Range of Input Light Intensity
0.5 to 10k
lux
VDD
Power Supply Range
1.8
3.3
V
IDD
Supply Current
E = 1000 lux
27
35
µA
E = 100 lux
3.5
µA
E = 0 lux
250
nA
ISRC1
Light-to-Current Sourcing Accuracy
IS29006 and ISL29008
E = 100 lux
1.65
µA
ISNK1
Light-to-Current Sinking Accuracy
ISL29007 and ISL29008
E = 100 lux
1.65
µA
ISRC2
Light-to-Current Sourcing Accuracy
ISL29006 and ISL29008
E = 1000 lux
11.5
16.45
21.3
µA
ISNK2
Light-to-Current Sinking Accuracy
ISL29007 and ISL29008
E = 1000 lux
11.5
16.45
21.3
µA
ISNK/ISRC
Mismatch between ISNK and ISRC
E = 1000 lux for ISL29008
0.9
1.00
1.1
µA
IDARK
Dark Current Output in the Absence of Light
E = 0 lux, RL = 10MΩ
0.22
2.5
µA
ΔI
OUT
Output Current Variation Over Three Light Sources:
Fluorescent, Incandescent and Halogen
E = 1000 lux
20
%
ISD
Supply Current when Shut Down
350
nA
VO-MAX1
ISRC Max Output Compliance Voltage at 95% of
Nominal Output
IS29006 andISL29008
E = 1000 lux
VDD - 0.2
V
VO-MAX2
ISNK Min Output Compliance Voltage at 95% of
Norminal Output
ISL29007 and ISL29008
E = 1000 lux
0.2
V
tR
ISRC and ISNK Rise Time (Note 1)
RL = 100kΩ, E = 300 lux
from 0 Lux
104
µs
RL = 100kΩ, E = 1000 lux
from 0 Lux
27
µs
tF
ISRC and ISNK Fall Time (Note 1)
RL = 100kΩ, E = 300 lux to
0 Lux
562
µs
RL = 100kΩ, E = 1000 lux to
0 Lux
233
µs
tD
ISRC and ISNK Delay Time for Rising Edge (Note 1)
RL = 100kΩ, E = 300 lux
from 0 Lux
504
µs
RL = 100kΩ, E = 1000 lux
from 0 Lux
209
µs
ISL29006, ISL29007, ISL29008


Similar Part No. - ISL29008

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29008 INTERSIL-ISL29008 Datasheet
724Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
ISL29008IROZ-T7 INTERSIL-ISL29008IROZ-T7 Datasheet
724Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
logo
Renesas Technology Corp
ISL29008IROZ-T7 RENESAS-ISL29008IROZ-T7 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
More results

Similar Description - ISL29008

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006IROZ-T7 INTERSIL-ISL29006IROZ-T7 Datasheet
724Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com