Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8105BCRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL8105BCRZ
Description  5V or 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers, Extended Soft-Start Time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8105BCRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL8105BCRZ Datasheet HTML 4Page - Intersil Corporation ISL8105BCRZ Datasheet HTML 5Page - Intersil Corporation ISL8105BCRZ Datasheet HTML 6Page - Intersil Corporation ISL8105BCRZ Datasheet HTML 7Page - Intersil Corporation ISL8105BCRZ Datasheet HTML 8Page - Intersil Corporation ISL8105BCRZ Datasheet HTML 9Page - Intersil Corporation ISL8105BCRZ Datasheet HTML 10Page - Intersil Corporation ISL8105BCRZ Datasheet HTML 11Page - Intersil Corporation ISL8105BCRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN6447.0
February 13, 2007
The overcurrent function will trip at a peak inductor current
(IPEAK) determined by:
where IBSOC is the internal BSOC current source (21.5µA
typical). The scale factor of 2 doubles the trip point of the
MOSFET voltage drop, compared to the setting on the
RBSOC resistor. The OC trip point varies in a system mainly
due to the MOSFET's rDS(ON) variations (over process,
current and temperature). To avoid overcurrent tripping in
the normal operating load range, find the RBSOC resistor
from Equation 1 with:
1. The maximum rDS(ON) at the highest junction
temperature
2. The minimum IBSOC from the specification table
3. Determine IPEAK for IPEAK > IOUT(MAX) +
, where
is the output inductor ripple current.
For an equation for the ripple current, see “Output Inductor
Selection” on page 12.
The range of allowable voltages detected
(2 * IBSOC *RBSOC) is 0mV to 475mV; but the practical
range for typical MOSFETs is typically in the 20mV to 120mV
ballpark (500
Ω to 3000Ω). If the voltage drop across RBSOC
is set too low, that can cause almost continuous OCP
tripping and retry. It would also be very sensitive to system
noise and inrush current spikes, so it should be avoided. The
maximum usable setting is around 0.2V across RBSOC
(0.4V across the MOSFET); values above that might disable
the protection. Any voltage drop across RBSOC that is
greater than 0.3V (0.6V MOSFET trip point) will disable the
OCP. The preferred method to disable OCP is simply to
remove the resistor, which will be detected as no OCP.
Note that conditions during power-up or during a retry may
look different than normal operation. During power-up in a
12V system, the IC starts operation just above 4V; if the
supply ramp is slow, the soft-start ramp might be over well
before 12V is reached. So with bottom-side gate drive
voltages, the rDS(ON) of the MOSFETs will be higher during
power-up, effectively lowering the OCP trip. In addition, the
ripple current will likely be different at lower input voltage.
Another factor is the digital nature of the soft-start ramp. On
each discrete voltage step, there is in effect a small load
transient, and a current spike to charge the output
capacitors. The height of the current spike is not controlled; it
is affected by the step size of the output, the value of the
output capacitors, as well as the IC error amp compensation.
So it is possible to trip the overcurrent with inrush current, in
addition to the normal load and ripple considerations.
Figure 5 shows the output response during a retry of an
output shorted to GND. At time T0, the output has been
turned off, due to sensing an overcurrent condition. There
are two internal soft-start delay cycles (T1 and T2) to allow
the MOSFETs to cool down, to keep the average power
dissipation in retry at an acceptable level. At time T2, the
output starts a normal soft-start cycle, and the output tries to
ramp. If the short is still applied, and the current reaches the
BSOC trip point any time during soft-start ramp period, the
output will shut off and return to time T0 for another delay
cycle. The retry period is thus two dummy soft-start cycles
FIGURE 4. BGATE PULSE STRETCHING
BGATE > 425ns
BGATE = 425ns
BGATE < 425ns
BGATE << 425ns
BGATE = 425ns
BGATE < 425ns
BGATE < 425ns
BGATE > 425ns
I
PEAK
2I
BSOC
×
R
BSOC
×
r
DS ON
()
------------------------------------------------------
=
(EQ. 1)
ΔI
()
2
----------
ΔI
VOUT
FIGURE 5. OVERCURRENT RETRY OPERATION
2 SOFT-START CYCLES
T0
T1
T2
ISL8105B


Similar Part No. - ISL8105BCRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8105BCRZ RENESAS-ISL8105BCRZ Datasheet
1Mb / 16P
   5V or 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers, Extended Soft-Start Time
More results

Similar Description - ISL8105BCRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8105B RENESAS-ISL8105B Datasheet
1Mb / 16P
   5V or 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers, Extended Soft-Start Time
ISL8105 RENESAS-ISL8105 Datasheet
1Mb / 16P
   5V or 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers
logo
Intersil Corporation
ISL8105 INTERSIL-ISL8105 Datasheet
643Kb / 16P
   5V or 12V Single-Phase Synchronous Buck Converter PWM Controller withIntegrated MOSFET Gate Drivers
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Intersil Corporation
ISL6341ACRZ-T INTERSIL-ISL6341ACRZ-T Datasheet
308Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6545 INTERSIL-ISL6545 Datasheet
369Kb / 16P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 29, 2010
ISL6341 INTERSIL-ISL6341 Datasheet
302Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com