Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29009IROZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL29009IROZ-T7
Description  Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29009IROZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL29009IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
FN6484.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL29009
Non-Linear Output Current, Low Power
Ambient Light Photo Detect IC
The ISL29009 is a light-to-current silicon optical sensor
combining a photodiode and current amplifiers on a single
monolithic IC. Similar to human eyes, the photodiode has
peak sensitivity at 550nm and spans from 400nm to 700nm,
rejecting UV light and IR light. The input luminance range is
from 0.3 lux to 10,000 lux.
The integrated non-linear current amplifier boosts and converts
the photodiode signal in a square root fashion, extending the
light input dynamic range while maintaining excellent sensitivity
at dim conditions with low lux levels. The device consumes
minimal power over a wide range of ambient lux levels because
the current consumption ramps at a square root fashion. A dark
current compensation circuit aids the photodiode to minimize
temperature dependent leakage currents in the absence of
light, improving the light sensitivity at low lux levels.
In addition, the ISL29009 has an EN pin that can be used for
a polling scheme extending portables’ battery life.
The ISL29009 is housed in an ultra compact 2mmx2.1mm
ODFN plastic case surface mount package. Operation is
rated from -40°C to +85°C.
Simplified Block Diagram
Features
• Non-linear current output
• 0.3 lux to 10,000 lux range
• Dark current compensation
• Temperature compensated
• Human eye response
• 1.8V to 3.3V supply range
• Low supply current
• Fast response time
• 6 Ld ODFN: 2mmx2.1mmx0.7mm
• Pb-free (RoHS compliant)
Applications
• Display and keypad dimming for:
- Mobile devices: smart phone, PDA, GPS
- Computing devices: notebook PC, webpod
- Consumer devices: LCD-TV, digital picture frame, digital
camera
• Industrial and medical light sensing
Pinout
ISL29009
(6 LD ODFN)
TOP VIEW
Ordering Information
PART
NUMBER
(Note)
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG. DWG. #
ISL29009IROZ-T7*
-40 to +85
6 Ld ODFN
L6.2x2.1
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and NiPdAu plate - e4 termination finish, which is RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free
peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
VDD
IOUT
1
2
LIGHT DATA
PROCESS
CURRENT
AMPLIFIER
OUTPUT CURRENT
α √LIGHT INTENSITY
PHOTODIODE
ARRAY
4
GND
EN
6
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
VDD
Supply, 1.8V to 3.3V
2
GND
Ground
3
NC
No connect
4EN
Active LO enable
5
NC
No connect
6
IOUT
Current output
1
2
3
6
5
4
VDD
GND
NC
IOUT
NC
EN
*THERMAL PAD CAN BE CONNECTED TO GND OR
THERMAL
PAD*
ELECTRICALLY ISOLATED
Data Sheet
July 1, 2008


Similar Part No. - ISL29009IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
logo
Renesas Technology Corp
ISL29009IROZ-T7 RENESAS-ISL29009IROZ-T7 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
More results

Similar Description - ISL29009IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29006IROZ-T7 INTERSIL-ISL29006IROZ-T7 Datasheet
724Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com