Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6112INZA Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6112INZA
Description  Dual Slot PCI-Express Power Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6112INZA Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6112INZA Datasheet HTML 7Page - Intersil Corporation ISL6112INZA Datasheet HTML 8Page - Intersil Corporation ISL6112INZA Datasheet HTML 9Page - Intersil Corporation ISL6112INZA Datasheet HTML 10Page - Intersil Corporation ISL6112INZA Datasheet HTML 11Page - Intersil Corporation ISL6112INZA Datasheet HTML 12Page - Intersil Corporation ISL6112INZA Datasheet HTML 13Page - Intersil Corporation ISL6112INZA Datasheet HTML 14Page - Intersil Corporation ISL6112INZA Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
FN6456.0
September 28, 2007
ISL6112 Bias, Power-On Reset and Power Cycling
The ISL6112 utilizes VSTBY as the only supply source.
VSTBY is required for proper operation of the ISL6112’s
SMBus and registers and must be applied at all times. A
Power-On Reset (POR) cycle is initiated after VSTBY rises
above its UVLO threshold and remains satisfied for 250µs.
All internal registers are cleared after POR. If VSTBY is
recycled, the ISL6112 enters a new power-on-reset cycle.
VSTBY must be the first supply voltage applied followed by
the MAIN supply inputs of 12VIN and 3VIN. The SMBus is
ready for access at the end of the POR cycle (250µs after
VSTBY is valid). During tPOR, all outputs remain off.
Enabling the VAUX Outputs
Upon asserting an AUXEN input, the related internal power
switch turns on connecting the nominally 3.3V VSTBY
supply to its VAUX load. The turn-on is slew rate limited and
invokes the ICs current regulation feature so as to not droop
the supply due to in-rush current load. Figure 2 illustrates the
VAUX turn-on performance into a 10
Ω, 100µF load.
Standby Mode
Standby mode is entered when one or more of the MAIN
supply inputs (12VIN and/or 3VIN) is absent, below its
respective UVLO threshold or OFF. The ISL6112 also has
3.3V auxiliary outputs (VAUXA and VAUXB), satisfying an
optional PCI Express requirement. These outputs are fed
from the VSTBY input pins, they are independent of the
MAIN outputs and are controlled by the AUXEN input pins or
via their respective bits in the control registers. Should the
MAIN supply inputs fall below their respective UVLO
thresholds, VAUX will still function as long as VSTBY is
compliant. Prior to standby mode, ONA and ONB (or the
control registers' MAINA and MAINB bits) inputs must be
deasserted or else the ISL6112 will assert its FAULT outputs.
If an undervoltage condition on either of the MAIN supply
inputs is detected, the INT will also assert if interrupts are
enabled.
Enabling the MAIN GATE outputs
When a slot's MAIN supplies are off, the 12VGATE pin is
held high with an internal pull-up to the 12VIN voltage.
Similarly, the 3VGATE pin is internally held low to GND.
When the MAIN supplies of the ISL6112 are enabled by
asserting ON, the related 3VGATE and 12VGATE pins are
each connected to a constant current supply. For the
3VGATE pin, this is nominally a 25µA current source and for
the 12VGATE pin, this is nominally a -25µA current sink. The
3VGATE will be charged up to the 12VIN voltage whereas
the 12GATE will be pulled down to GND for maximum
enhancement of the N-Channel and P-Channel FETs,
respectively.
Estimating In-Rush Current and VOUT Slew Rate at
Start-up
The expected in-rush current can be estimated by using
Equation 1:
with 25µA being the GATE pin charge current, CLOAD is the
load capacitance, and CGATE is the total GATE capacitance
including CISS of the external MOSFET and any external
capacitance connected from the GATE output pin to the
GATE reference, GND or source.
An estimate for the output slew rate of 3.3V outputs and 12V
outputs where there is little or no external 12VGATE output
capacitors, can be had from Equation 2:
DISABLING SMI WHEN HPI CONTROL IS USED
DISABLING HPI WHEN SMI CONTROL IS USED
SCL
SDA
INT#
A2
A1
A0
100k
100k
100k
VSTBY
INT
FORON#_A
FORON#_B
AUXENA
AUXENB
ONA
ONB
100k
100k
VSTBY
9
28
45
42
44
43
FIGURE 1. I/O CONFIGURATION FOR DISABLING HPI/SMI
CONTROL
VAUX
IAUX
AUXEN
VAUX
IAUX
AUXEN
FIGURE 2. VAUX TURN-ON RLOAD = 10Ω, CLOAD = 100µF
(EQ. 1)
I
IN
RUSH
NOMINALLY
25
μA
C
LOAD
C
GATE
--------------------
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 2)
dv/dt VOUT NOMINALLY
I
LIM
C
LOAD
--------------------
=
ISL6112


Similar Part No. - ISL6112INZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6112IRZA RENESAS-ISL6112IRZA Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
More results

Similar Description - ISL6112INZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6112 RENESAS-ISL6112 Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Linear Technology
LTC4242 LINER-LTC4242_15 Datasheet
356Kb / 24P
   Dual Slot Hot Swap Controller for PCI Express
LTC4242 LINER-LTC4242 Datasheet
350Kb / 24P
   Dual Slot Hot Swap Controller for PCI Express
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Texas Instruments
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com