Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6723AABZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6723AABZ
Description  Flexible Single Ended Current Mode PWM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6723AABZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6723AABZ Datasheet HTML 1Page - Intersil Corporation ISL6723AABZ Datasheet HTML 2Page - Intersil Corporation ISL6723AABZ Datasheet HTML 3Page - Intersil Corporation ISL6723AABZ Datasheet HTML 4Page - Intersil Corporation ISL6723AABZ Datasheet HTML 5Page - Intersil Corporation ISL6723AABZ Datasheet HTML 6Page - Intersil Corporation ISL6723AABZ Datasheet HTML 7Page - Intersil Corporation ISL6723AABZ Datasheet HTML 8Page - Intersil Corporation ISL6723AABZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
FN9237.1
July 11, 2007
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC, VC . . . . . . . . . . . . . . . . . GND -0.3V to +20.0V
GATE . . . . . . . . . . . . . . . . . GND -0.3V to Gate Output Limit Voltage
PGND to LGND
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.3V
VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 5.3V
Signal Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VREF
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1A
Operating Conditions
Temperature Range
ISL6722AAxZ . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
ISL6723AAxZ . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
Supply Voltage Range (Typical). . . . . . . . . . . . . . . 9VDC to 18VDC
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
16 Lead QFN (Note 1, 2) . . . . . . . . . . .
52
4
16 Lead SOIC (Note 1) . . . . . . . . . . . .
80
N/A
16 Lead TSSOP (Note 1) . . . . . . . . . . .
105
N/A
Maximum Junction Temperature . . . . . . . . . . . . . . . -55°C to +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
3. All voltages are with respect to GND.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematic. 9V < VCC = VC < 20V, Rt = 11kΩ, Ct = 330pF, TA = -40°C to +105°C (Note 4),
Typical values are at TA = +25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UNDERVOLTAGE LOCKOUT
START Threshold (ISL6722A)
SLEEP = 0V
7.95
8.25
8.55
V
START Threshold (ISL6723A)
12.4
13.0
13.4
V
STOP Threshold
7.40
7.70
8.20
V
Hysteresis (ISL6722A)
0.50
0.55
1.00
V
Hysteresis (ISL6723A)
4.00
5.00
6.00
V
Start-Up Current, ICC
VCC < START Threshold
-
100
175
μA
OC/OV Fault Operating Current, ICC
-
200
300
μA
Operating Current, ICC
-
4.5
10.0
mA
Operating Supply Current, IC
Includes 1nF GATE loading
-
8.0
12.0
mA
REFERENCE VOLTAGE
Overall Accuracy
Line, load, TA = 0°C to +105°C
Line, load, TA = -40°C to +105°C
4.95
4.90
5.00
5.00
5.05
5.05
V
Long Term Stability
TA = +125°C, 1000 hours (Note 6)
-
5
-
mV
Fault Voltage
4.50
4.65
4.75
V
VREF Good Voltage
4.65
4.80
4.95
V
Hysteresis
75
165
250
mV
Operational Current
-10
-
-
mA
Current Limit
-20
-
-
mA
CURRENT SENSE
Input Impedance
-5-
k
Ω
Offset Voltage
0.08
0.10
0.11
V
Input Voltage Range
0-
1.5
V
ISL6722A, ISL6723A


Similar Part No. - ISL6723AABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6723AABZ INTERSIL-ISL6723AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Renesas Technology Corp
ISL6723AABZ RENESAS-ISL6723AABZ Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
More results

Similar Description - ISL6723AABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A_V01 Datasheet
1Mb / 36P
   Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
logo
Intersil Corporation
ISL6721AB INTERSIL-ISL6721AB Datasheet
383Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721AARZ INTERSIL-ISL6721AARZ Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
August 23, 2011
ISL6721 INTERSIL-ISL6721_07 Datasheet
425Kb / 21P
   Flexible Single Ended Current Mode PWM Controller
ISL6721 INTERSIL-ISL6721 Datasheet
393Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
ISL6721 RENESAS-ISL6721 Datasheet
1,014Kb / 23P
   Flexible Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com