Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6722AAVZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6722AAVZ
Description  Flexible Single Ended Current Mode PWM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6722AAVZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6722AAVZ Datasheet HTML 1Page - Intersil Corporation ISL6722AAVZ Datasheet HTML 2Page - Intersil Corporation ISL6722AAVZ Datasheet HTML 3Page - Intersil Corporation ISL6722AAVZ Datasheet HTML 4Page - Intersil Corporation ISL6722AAVZ Datasheet HTML 5Page - Intersil Corporation ISL6722AAVZ Datasheet HTML 6Page - Intersil Corporation ISL6722AAVZ Datasheet HTML 7Page - Intersil Corporation ISL6722AAVZ Datasheet HTML 8Page - Intersil Corporation ISL6722AAVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
®
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005, 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL6722A, ISL6723A
Flexible Single Ended Current Mode PWM
Controllers
The ISL6722A and the ISL6723A are low power,
single-ended pulse width modulating (PWM) current mode
controllers designed for a wide range of DC/DC conversion
applications including boost, flyback, and isolated output
configurations. Similar to, and pin compatible with the
ISL6721, the ISL6722A and ISL6723A offer a modified
feature set. The ISL6722A replaces external synchronization
with a low power SLEEP feature that reduces standby
current to under 200µA. The ISL6723A changes the supply
voltage UVLO threshold to 13V. Additionally, the internal
over temperature protection has been removed in both
controllers. Other features remain the same and include a
low power mode during overvoltage and overcurrent
shutdown faults where the supply current drops to 200µA.
An internal 300ms delay timer prevents rapid “hiccup”
behavior when a shutdown fault does occur.
This advanced BiCMOS design features low operating
current, adjustable operating frequency up to 1MHz, and
adjustable soft-start.
Pinouts
ISL6722A, ISL6723A (16 LD SOIC, TSSOP)
ISL6722A (16 LD QFN)
Features
• 1A MOSFET Gate Driver
• 100µA Start-up Current
• Fast Transient Response with Peak Current Mode Control
• Adjustable Switching Frequency up to 1MHz
• Low Power Sleep Mode (ISL6722A)
• Low Power Shutdown Mode
• Delayed Restart from OV and OC Shutdown Faults
• Adjustable Slope Compensation
• Adjustable Soft-Start
• Adjustable Overcurrent Shutdown Delay
• Adjustable UV and OV Monitors
• Leading Edge Blanking
• 1% Tolerance Voltage Reference
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Telecom and Datacom Power
• Wireless Base Station Power
• File Server Power
• Industrial Power Systems
• Isolated Buck and Flyback Regulators
• Boost Regulators
GATE
ISENSE
SYNC/SLEEP
SLOPE
UV
OV
RTCT
VC
PGND
VCC
VREF
LGND
SS
COMP
1
2
3
4
5
6
7
16
15
14
13
12
11
10
8
9
ISET
FB
1
3
4
15
SYNC/SLEEP
SLOPE
UV
OV
16
14
13
2
12
10
9
11
6
57
8
VCC
VREF
LGND
SS
Ordering Information
PART
NUMBER*
(Note)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL6722AABZ 6722AABZ
-40 to +105 16 Ld SOIC
M16.15
ISL6723AABZ 6723AABZ
-40 to +105 16 Ld SOIC
M16.15
ISL6722AAVZ 6722AAVZ
-40 to +105 16 Ld TSSOP M16.173
ISL6722AARZ 22AZ
-40 to +105 16 Ld QFN
L16.3x3B
*Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
FN9237.1
July 11, 2007


Similar Part No. - ISL6722AAVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6722AAVZ INTERSIL-ISL6722AAVZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Renesas Technology Corp
ISL6722AAVZ RENESAS-ISL6722AAVZ Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
More results

Similar Description - ISL6722AAVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A_V01 Datasheet
1Mb / 36P
   Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
logo
Intersil Corporation
ISL6721AB INTERSIL-ISL6721AB Datasheet
383Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721AARZ INTERSIL-ISL6721AARZ Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
August 23, 2011
ISL6721 INTERSIL-ISL6721_07 Datasheet
425Kb / 21P
   Flexible Single Ended Current Mode PWM Controller
ISL6721 INTERSIL-ISL6721 Datasheet
393Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
ISL6721 RENESAS-ISL6721 Datasheet
1,014Kb / 23P
   Flexible Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com