Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1219IUZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL1219IUZ-T
Description  Low Power RTC with Battery Backed SRAM and Event Detection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1219IUZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL1219IUZ-T Datasheet HTML 1Page - Intersil Corporation ISL1219IUZ-T Datasheet HTML 2Page - Intersil Corporation ISL1219IUZ-T Datasheet HTML 3Page - Intersil Corporation ISL1219IUZ-T Datasheet HTML 4Page - Intersil Corporation ISL1219IUZ-T Datasheet HTML 5Page - Intersil Corporation ISL1219IUZ-T Datasheet HTML 6Page - Intersil Corporation ISL1219IUZ-T Datasheet HTML 7Page - Intersil Corporation ISL1219IUZ-T Datasheet HTML 8Page - Intersil Corporation ISL1219IUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
FN6314.1
August 14, 2006
SDA vs. SCL Timing
Symbol Table
tF
SDA and SCL Fall Time
From 70% to 30% of VDD.
20 +
0.1 x Cb
300
ns
7
Cb
Capacitive Loading of SDA or SCL
Total on-chip and off-chip
10
400
pF
7
Rpu
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by tR and tF.
For Cb = 400pF, max is about
2~2.5k
Ω. For Cb = 40pF, max is about
15~20k
1k
7
NOTES:
2. IRQ and FOUT and EVDET Inactive.
3. LPMODE = 0 (default).
4. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
5. Typical values are for T = 25°C and 3.3V supply voltage.
6. VSUP = VDD if in VDD Mode, VSUP = VBAT if in VBAT Mode.
7. These are I2C specific parameters and are not directly tested, however they are used during device testing to validate device specification.
8. A write to register 08h should only be done if VDD > VBAT, otherwise the device will be unable to communicate using I
2C.
I2C Interface Specifications
Test Conditions: VDD = +2.7 to +5.5V, Temperature = -40°C to +85°C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 4)
MAX
UNITS
NOTES
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA
(INPUT TIMING)
SDA
(OUTPUT TIMING)
tF
tLOW
tBUF
tAA
tR
WAVEFORM
INPUTS
OUTPUTS
Must be steady
Will be steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes Allowed
Changing:
State Not Known
N/A
Center Line is
High Impedance
ISL1219


Similar Part No. - ISL1219IUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL1219IUZ-T RENESAS-ISL1219IUZ-T Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results

Similar Description - ISL1219IUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221 RENESAS-ISL1221 Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com