Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8105IRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL8105IRZ
Description  5V or 12V Single-Phase Synchronous Buck Converter PWM Controller withIntegrated MOSFET Gate Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8105IRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL8105IRZ Datasheet HTML 5Page - Intersil Corporation ISL8105IRZ Datasheet HTML 6Page - Intersil Corporation ISL8105IRZ Datasheet HTML 7Page - Intersil Corporation ISL8105IRZ Datasheet HTML 8Page - Intersil Corporation ISL8105IRZ Datasheet HTML 9Page - Intersil Corporation ISL8105IRZ Datasheet HTML 10Page - Intersil Corporation ISL8105IRZ Datasheet HTML 11Page - Intersil Corporation ISL8105IRZ Datasheet HTML 12Page - Intersil Corporation ISL8105IRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6306.3
December 6, 2006
cycle. The retry period is thus two dummy soft-start cycles
plus one variable one (which depends on how long it takes to
trip the sensor each time). Figure 5 shows an example
where the output gets about half-way up before shutting
down; therefore, the retry (or hiccup) time will be around
17ms. The minimum should be nominally 13.6ms and the
maximum 20.4ms. If the short condition is finally removed,
the output should ramp up normally on the next T2 cycle.
Starting up into a shorted load looks the same as a retry into
that same shorted load. In both cases, OCP is always
enabled during soft-start; once it trips, it will go into retry
(hiccup) mode. The retry cycle will always have two dummy
time-outs, plus whatever fraction of the real soft-start time
passes before the detection and shutoff; at that point, the
logic immediately starts a new two dummy cycle time-out.
Output Voltage Selection
The output voltage can be programmed to any level between
the 0.6V internal reference, up to the VBias supply. The
ISL8105 can run at near 100% duty cycle at zero load, but
the rDS(ON) of the top-side MOSFET will effectively limit it to
something less as the load current increases. In addition, the
OCP (if enabled) will also limit the maximum effective duty
cycle.
An external resistor divider is used to scale the output
voltage relative to the internal reference voltage, and feed it
back to the inverting input of the error amp. See “Typical
Application” on page 2 for more detail; R1 is the upper
resistor; ROFFSET (shortened to R0 below) is the lower one.
The recommended value for R1 is 1 - 5k
(±1% for
accuracy) and then ROFFSET is chosen according to the
equation below. Since R1 is part of the compensation circuit
(see “Feedback Compensation” on page 11), it is often
easier to change ROFFSET to change the output voltage;
that way the compensation calculations do not need to be
repeated. If VOUT = 0.6V, then ROFFSET can be left open.
Output voltages less than 0.6V are not available.
Input Voltage Considerations
The “Typical Application” on page 2 shows a standard
configuration where VBias is either 5V (±10%) or 12V
(±20%); in each case, the gate drivers use the VBias voltage
for BGATE and BOOT/TGATE. In addition, VBias is allowed
to work anywhere from 6.5V up to the 14.4V maximum. The
VBias range between 5.5V and 6.5V is NOT allowed for
long-term reliability reasons, but transitions through it to
voltages above 6.5V are acceptable.
There is an internal 5V regulator for bias; it turns on between
5.5 and 6.5V. Some of the delay after POR is there to allow a
typical power supply to ramp up past 6.5V before the
softstart ramps begins. This prevents a disturbance on the
output, due to the internal regulator turning on or off. If the
transition is slow (not a step change), the disturbance should
be minimal. So while the recommendation is to not have the
output enabled during the transition through this region, it
may be acceptable. The user should monitor the output for
their application to see if there is any problem.
The VIN to the top-side MOSFET can share the same supply
as VBias but can also run off a separate supply or other
sources, such as outputs of other regulators. If VBias powers
up first, and the VIN is not present by the time the
initialization is done, then the soft-start will not be able to
ramp the output, and the output will later follow part of the
VIN ramp when it is applied. If this is not desired, then
change the sequencing of the supplies, or use the
COMP/EN pin to disable VOUT until both supplies are ready.
Figure 6 shows a simple sequencer for this situation. If VBias
powers up first, Q1 will be off, and R3 pulling to VBias will
turn Q2 on, keeping the ISL8105 in shut-down. When VIN
turns on, the resistor divider R1 and R2 determines when Q1
turns on, which will turn off Q2 and release the shut-down. If
VIN powers up first, Q1 will be on, turning Q2 off; so the
ISL8105 will start-up as soon as VBias comes up. The
VDISABLE trip point is 0.4V nominal, so a wide variety of
NFET's or NPN's or even some logic IC's can be used as Q1
or Q2; but Q2 must be low leakage when off (open-drain or
open-collector) so as not to interfere with the COMP output.
Q2 should also be placed near the COMP/EN pin.
The VIN range can be as low as ~1V (for VOUT as low as the
0.6V reference). It can be as high as 20V (for VOUT just
below VIN). There are some restrictions for running high VIN
voltage.
The first consideration for high VIN is the maximum BOOT
voltage of 36V. The VIN (as seen on LX) + VBias (boot
voltage - the diode drop), + any ringing (or other transients)
on the BOOT pin must be less than 36V. If VIN is 20V, that
limits VBias + ringing to 16V.
The second consideration for high VIN is the maximum
(BOOT - VBias) voltage; this must be less than 24V. Since
BOOT = VIN + VBias + ringing, that reduces to (VIN +
ringing) must be <24V. So based on typical circuits, a 20V
maximum VIN is a good starting assumption; the user should
verify the ringing in their particular application.
Ω
VOUT
0.6V
R1 R0
+
()
R0
--------------------------
=
(EQ. 2)
R0
R1 0.6V
VOUT 0.6V
----------------------------------
=
(EQ. 3)
FIGURE 6. SEQUENCER CIRCUIT
R2
VIN
R1
R3
VBias
TO COMP/EN
Q2
Q1
ISL8105, ISL8105A


Similar Part No. - ISL8105IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8105IRZ RENESAS-ISL8105IRZ Datasheet
1Mb / 16P
   5V or 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers
More results

Similar Description - ISL8105IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8105 RENESAS-ISL8105 Datasheet
1Mb / 16P
   5V or 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers
ISL8105B RENESAS-ISL8105B Datasheet
1Mb / 16P
   5V or 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers, Extended Soft-Start Time
logo
Intersil Corporation
ISL8105B INTERSIL-ISL8105B Datasheet
713Kb / 16P
   5V or 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers, Extended Soft-Start Time
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Intersil Corporation
ISL6341ACRZ-T INTERSIL-ISL6341ACRZ-T Datasheet
308Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6545 INTERSIL-ISL6545 Datasheet
369Kb / 16P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 29, 2010
ISL6341 INTERSIL-ISL6341 Datasheet
302Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com