Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29101 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL29101
Description  Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29101 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL29101 Datasheet HTML 1Page - Intersil Corporation ISL29101 Datasheet HTML 2Page - Intersil Corporation ISL29101 Datasheet HTML 3Page - Intersil Corporation ISL29101 Datasheet HTML 4Page - Intersil Corporation ISL29101 Datasheet HTML 5Page - Intersil Corporation ISL29101 Datasheet HTML 6Page - Intersil Corporation ISL29101 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
FN6510.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL29101
Small, Low Power, Voltage-Output
Ambient Light Photo Detect IC
The ISL29101 is a low power ambient Light-to-Voltage
optical sensor combining a photodiode array, a current
amplifier and a micropower operational amplifier on a single
monolithic IC. Similar to the human eye, the photodiode
array has a peak response at 550nm and spans from 400nm
to 600nm, rejecting UV light and IR light. The output voltage
is proportional to the visible light intensity from 0.5 lux up to
10,000 lux. However, the input luminance range can go up to
30,000 lux with some compromise in linearity.
A dark current compensation circuit aids the photodiode array
to minimize temperature dependent leakage currents in the
absence of light, improving the light sensity at low lux levels.
Housed in an ultra-compact surface mount 2mmx2.1mm
ODFN clear plastic package, this device is excellent for
power saving control functions in cell phones, PDAs, and
other handheld applications.
Simplified Block Diagram
Features
• 0.5 lux to 10,000 lux range
• 1.8V to 3.3V supply range
• Low supply current
• Fast response time
• Excellent linearity of output voltage vs light intensity
• Close to human eye response
• Good IR rejection
• Internal temperature compensation
• Operating temperature range -40°C to +85°C
• Ultra-compact surface mount package
• Pb-free (RoHS compliant)
Applications
• Display and keypad dimming for:
- Mobile devices: smart phone, PDA, GPS
- Computing devices: notebook PC, webpod
- Consumer devices: LCD-TV, digital picture frame, digital
camera
• Industrial and medical light sensing
Pinout
ISL29101
(6 LD ODFN)
TOP VIEW
Ordering Information
PART NUMBER
(Note 2)
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL29101IROZ-T7
(Note 1)
-40 to +85
6 Ld ODFN
Tape and Reel
L6.2x2.1
ISL29101IROZ-EVALZ Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets; molding compounds/die attach materials and
NiPdAu plate - e4 termination finish, which is RoHS compliant and
compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
VDD
GND
REXT
VOUT
1
2
4
6
LIGHT DATA
PROCESS
CURRENT
AMPLIFIER
OUTPUT CURRENT
α LIGHT INTENSITY
PHOTODIODE
ARRAY
+
-
Pin Descriptions
PIN
NAME
DESCRIPTION
1
VDD
Supply. 1.8V to 3.3V
2
GND
Ground
3, 5
NC
No Connect
4
REXT
Connected to an external resistor to GND
setting the light-to-voltage proportionality
constant.
6
VOUT
Voltage Output
1
2
3
6
5
4
VDD
GND
NC
VOUT
NC
REXT
THERMAL
PAD*
*THERMAL PAD CAN BE CONNECTED TO GND OR
ELECTRICALLY ISOLATED
Data Sheet
July 1, 2008


Similar Part No. - ISL29101

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
ISL29101IROZ-EVALZ INTERSIL-ISL29101IROZ-EVALZ Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101IROZ-EVALZ RENESAS-ISL29101IROZ-EVALZ Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
More results

Similar Description - ISL29101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29006IROZ-T7 INTERSIL-ISL29006IROZ-T7 Datasheet
724Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900_07 Datasheet
164Kb / 7P
   Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com