Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6322GIRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6322GIRZ
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6322GIRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6322GIRZ Datasheet HTML 1Page - Intersil Corporation ISL6322GIRZ Datasheet HTML 2Page - Intersil Corporation ISL6322GIRZ Datasheet HTML 3Page - Intersil Corporation ISL6322GIRZ Datasheet HTML 4Page - Intersil Corporation ISL6322GIRZ Datasheet HTML 5Page - Intersil Corporation ISL6322GIRZ Datasheet HTML 6Page - Intersil Corporation ISL6322GIRZ Datasheet HTML 7Page - Intersil Corporation ISL6322GIRZ Datasheet HTML 8Page - Intersil Corporation ISL6322GIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1
®
ISL6322G
Two-Phase Buck PWM Controller with
Integrated MOSFET Drivers, I2C Interface,
and Phase Dropping
The ISL6322G two-phase PWM control IC provides a
precision voltage regulation system for advanced
microprocessors and memory. The integration of power
MOSFET drivers into the controller IC marks a departure
from the separate PWM controller and driver configuration of
previous multiphase product families. By reducing the
number of external parts, this integration is optimized for a
cost and space saving power management solution.
One outstanding feature of this controller IC is its
multi-processor compatibility, allowing it to work with both Intel
and AMD microprocessors. Included are programmable VID
codes for Intel VR10, VR11, as well as AMD DAC tables. A
unity gain, differential amplifier is provided for remote voltage
sensing, compensating for any potential difference between
remote and local grounds. The output voltage can also be
positively or negatively offset through the use of a single
external resistor.
The ISL6322G includes an I2C interface, allowing the
controller to communicate with other devices over an I2C
bus. Signals sent over this bus can command the ISL6322G
to adjust the number of active phases, voltage margining
offset, phase switching frequency, overvoltage protection
levels, and can select the integrated driver adaptive dead
time scheme.
The ISL6322G also includes advanced control loop features
for optimal transient response to load apply and removal.
One of these features is highly accurate, fully differential,
continuous DCR current sensing for channel-current
balance. Active Pulse Positioning (APP) modulation is
another unique feature, allowing for quicker initial response
to high di/dt load transients.
This controller also allows the user the flexibility to choose
between PHASE detect or LGATE detect adaptive dead time
schemes. This ability allows the ISL6322G to be used in a
multitude of applications where either scheme is required.
Protection features of this controller IC include a set of
sophisticated overvoltage, undervoltage, and overcurrent
protection. Furthermore, the ISL6322G includes protection
against an open circuit on the remote sensing inputs.
Combined, these features provide advanced protection for the
microprocessor and power system.
Features
• Integrated Multiphase Power Conversion
- 2-Phase or 1-Phase Operation with Internal Drivers
• Phase Dropping for Higher Efficiency at Low Output
Current Loads
• Precision Core Voltage Regulation
- Differential Remote Voltage Sensing
- ±0.5% System Accuracy Over-Temperature
- Adjustable Reference-Voltage Offset
• Optimal Transient Response
- Active Pulse Positioning (APP) Modulation
- Adaptive Phase Alignment (APA)
• Fully Differential, Continuous DCR Current Sensing
- Precision Channel-Current Balancing
•I2C Interface
- Phase Dropping
- Voltage Margining Offset
- Switching Frequency Adjustment
- Overvoltage Protection Level Adjustment
- Selects Adaptive Dead Time Scheme
• User Selectable I2C “Slave Only” Device Address:
1000_110x or 1000_111x
• User Selectable Adaptive Dead Time Scheme
- PHASE Detect or LGATE Detect for Application
Flexibility
• Variable Gate Drive Bias: 5V to 12V
• Multi-Processor Compatible
- Intel VR10 and VR11 Modes of Operation
- AMD Mode of Operation
• Microprocessor Voltage Identification Inputs
-8-bit DAC
- Selectable between Intel’s Extended VR10, VR11, AMD
5-bit, and AMD 6-bit DAC Tables
- Dynamic VID Technology
• Maximum Allowable Output Voltage of 1.6V
• Overcurrent Protection
• Multi-Tiered Overvoltage Protection
• Digital Soft-Start
• Selectable Operation Frequency up to 1.5MHz Per Phase
• Pb-Free (RoHS Compliant)
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
FN6715.0
Data Sheet
May 22, 2008


Similar Part No. - ISL6322GIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6322GIRZ RENESAS-ISL6322GIRZ Datasheet
1Mb / 39P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
More results

Similar Description - ISL6322GIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6322G RENESAS-ISL6322G Datasheet
1Mb / 39P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com