Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP43220JC-25 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HSP43220JC-25
Description  Decimating Digital Filter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43220JC-25 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HSP43220JC-25 Datasheet HTML 4Page - Intersil Corporation HSP43220JC-25 Datasheet HTML 5Page - Intersil Corporation HSP43220JC-25 Datasheet HTML 6Page - Intersil Corporation HSP43220JC-25 Datasheet HTML 7Page - Intersil Corporation HSP43220JC-25 Datasheet HTML 8Page - Intersil Corporation HSP43220JC-25 Datasheet HTML 9Page - Intersil Corporation HSP43220JC-25 Datasheet HTML 10Page - Intersil Corporation HSP43220JC-25 Datasheet HTML 11Page - Intersil Corporation HSP43220JC-25 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
FN2486.10
October 10, 2008
H_Register 1 (A1 = 1, A0 = 0)
FIGURE 6.
DDF Control Registers (Continued)
RESERVED
F_DIS
F_CLA
H_BYP
H_DRATE
FD0
FC0
HB0
R9R8R7R6
R5R4R3R2R1R0
15
14
13
12
11
10
987654321
0
H_DRATE Bits
R0-R9 are used to select the amount of decimation in the HDF. The amount of
decimation selected is programmed as the required decimation minus one; for
instance to select decimation of 1024 H_DRATE is set equal to 1023. HDRATE +1 is
defined as HDEC.
H_BYP
Bit HB0 is used to select HDF bypass mode. This mode is selected by setting
H_BYP = 1. When this mode is selected the input data passes through the HDF
unfiltered. Internally H_STAGES and H_DRATE are both set to zero and H_GROWTH
is set to 50. H_REGISTER 2 must be reloaded when H_BYP is returned to 0. To disable
HDF bypass mode H_BYP = 0. The relationship between CK_IN and FIR_CK in this
and all other modes is defined by Equation 2.
F_CLA
Bit FC0 is used to select the clear accumulator mode in the FIR. This mode is enabled
by setting F_CLA = 1 and is disabled by setting F_CLA = 0. In normal operation this bit
should be set equal to zero. This mode zeros the feedback path in the accumulator of
the multiplier/accumulator (MAC). It also allows the multiplier output to be clocked off
the chip by FIR_CK, thus DATA_RDY has no meaning in this mode. This mode can be
used in conjunction with the F_OAD bit to read out the FIR coefficients from the
coefficient RAM.
F_DIS
Bit FD0 is used to select the FIR disable mode. This feature enables the FIR parameters
to be changed. This feature is selected by setting F_DIS = 1. This mode terminates the
current FIR cycle. While this feature is selected, the HDF continues to process data and
write it into the FIR data RAM. When the FIR re-programming is completed, the FIR can
be re-enabled either by clearing F_DIS, or by asserting one of the start inputs, which
automatically clears F_DIS.
HSP43220


Similar Part No. - HSP43220JC-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43220JC-25 INTERSIL-HSP43220JC-25 Datasheet
800Kb / 18P
   Decimating Digital Filter
logo
Renesas Technology Corp
HSP43220JC-25 RENESAS-HSP43220JC-25 Datasheet
1Mb / 21P
   Decimating Digital Filter
Oct 10, 2008
HSP43220JC-25Z RENESAS-HSP43220JC-25Z Datasheet
1Mb / 21P
   Decimating Digital Filter
Oct 10, 2008
More results

Similar Description - HSP43220JC-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
   Decimating Digital Filter
HSP43220883 INTERSIL-HSP43220883 Datasheet
204Kb / 7P
   Decimating Digital Filter
logo
Renesas Technology Corp
HSP43220 RENESAS-HSP43220 Datasheet
1Mb / 21P
   Decimating Digital Filter
Oct 10, 2008
logo
List of Unclassifed Man...
GF9102ACPM ETC-GF9102ACPM Datasheet
300Kb / 11P
   Decimating/Interpolating Digital Filter
logo
Intersil Corporation
DECIMATE INTERSIL-DECIMATE Datasheet
48Kb / 5P
   Decimating Digital Filter Development Software
May 1999
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242C FAIRCHILD-TMC2242C Datasheet
236Kb / 13P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Analog Devices
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com