Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6262AIRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6262AIRZ
Description  Two-Phase Core Controller Santa Rosa, IMVP-6
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6262AIRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6262AIRZ Datasheet HTML 6Page - Intersil Corporation ISL6262AIRZ Datasheet HTML 7Page - Intersil Corporation ISL6262AIRZ Datasheet HTML 8Page - Intersil Corporation ISL6262AIRZ Datasheet HTML 9Page - Intersil Corporation ISL6262AIRZ Datasheet HTML 10Page - Intersil Corporation ISL6262AIRZ Datasheet HTML 11Page - Intersil Corporation ISL6262AIRZ Datasheet HTML 12Page - Intersil Corporation ISL6262AIRZ Datasheet HTML 13Page - Intersil Corporation ISL6262AIRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
FN6343.1
December 23, 2008
Typical Performance Curves 0.36µH Filter Inductor and 4 x 330µF Output SP Caps and 24 x 22µF Ceramic Caps
FIGURE 8. SOFT-START WAVEFORM SHOWING SLEW RATE
OF 2.5mV/µs AT VID = 1V, ILOAD = 10A
FIGURE 9. SOFT-START WAVEFORM SHOWING SLEW RATE
OF 2.5mV/µs AT VID = 1.4375V, ILOAD = 10A
FIGURE 10. SOFT-START WAVEFORM SHOWING CLK_EN#
AND IMVP-6+ PGOOD
FIGURE 11. 2 PHASE CURRENT BALANCE, FULL LOAD (50A)
FIGURE 12. 8V-20V INPUT LINE TRANSIENT RESPONSE,
CIN = 240µF
FIGURE 13. INRUSH CURRENT AT START-UP, VIN = 8V,
VID = 1.4375V, ILOAD = 10A
VOUT
VSOFT
VR_ON
CSOFT = 15nF
VR_ON
VOUT
VSOFT
CSOFT = 15nF
VOUT @ 1.4375V
VOUT @ 1.2V
PGD_IN
CLK_EN#
IMVP-6+_PWRGD
IIN
LINE TRANSIENT
VOUT
VIN
IIN
IL1, IL2
VOUT
ISL6262A


Similar Part No. - ISL6262AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262AIRZ INTERSIL-ISL6262AIRZ Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6262AIRZ RENESAS-ISL6262AIRZ Datasheet
1Mb / 28P
   Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
logo
Intersil Corporation
ISL6262AIRZ-T INTERSIL-ISL6262AIRZ-T Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6262AIRZ-T RENESAS-ISL6262AIRZ-T Datasheet
1Mb / 28P
   Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
ISL6262AIRZ-T RENESAS-ISL6262AIRZ-T Datasheet
1Mb / 28P
   Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
More results

Similar Description - ISL6262AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6262A RENESAS-ISL6262A Datasheet
1Mb / 28P
   Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263 INTERSIL-ISL6263 Datasheet
493Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
ISL6266AHRZ INTERSIL-ISL6266AHRZ Datasheet
657Kb / 30P
   Two-phase Core Controllers (Montevina, IMVP-6)
logo
Renesas Technology Corp
ISL6266 RENESAS-ISL6266 Datasheet
1Mb / 31P
   Two-phase Core Controllers (Montevina, IMVP-6)
logo
Intersil Corporation
ISL6266HRZ INTERSIL-ISL6266HRZ Datasheet
802Kb / 31P
   Two-phase Core Controllers(Montevina, IMVP-6)
August 25, 2015
logo
Renesas Technology Corp
ISL6263B RENESAS-ISL6263B Datasheet
772Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com