Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6114IRZA-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6114IRZA-T
Description  Dual Slot PCI-E Hot Plug Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6114IRZA-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6114IRZA-T Datasheet HTML 2Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 3Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 4Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 5Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 6Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 7Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 8Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 9Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
FN6457.0
September 25, 2007
Absolute Maximum Ratings (Note 3)
Thermal Information
12VIN, 12VSENSE, 12VOUT . . . . . . . . . . . . . . . . . . . . . . . . +14.5V
VSTBY, 3VIN, 3VSENSE, 3VOUT . . . . . . . . . . . . . . . . . . . . . . . +7V
12VGATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 12VI
3VGATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 12VI
Logic I/O . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +5.5V
VAUX Output Current . . . . . . . . . . . . . . . . . . Short Circuit Protected
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1kV
Thermal Resistance (Typical, Notes 1, 2)
θJA (°C/W) θJC (°C/W)
48 Ld 7x7 QFN Package . . . . . . . . . . .
27
3
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
12VMAIN Supply Voltage Range. . . . . . . . . . . . . . . . . . +12V ± 10%
3VMAIN Supply Voltage Range. . . . . . . . . . . . . . . . . . .+3.3V ± 10%
AUXI Supply Voltage Range . . . . . . . . . . . . . . . . . . . . .+3.3V ± 10%
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
3. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications
12VIN = 12V, 3VIN and VSTBY = +3.3V, TA = TJ = -40°C to +85°C, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MAIN CURRENT REGULATION
Current Limit Threshold Voltages
VTHILIMIT
VIN – VSENSE
47.5
50
52.5
mV
Fast-Trip Threshold Voltages
VTHFAST
VIN – VSENSE (ISL6113)
85
100
115
mV
VIN – VSENSE (ISL6114)
140
150
160
mV
VSENSE Input Current
ISENSE
0.1
µA
CFILTER Threshold Voltage
VFILTER
1.20
1.25
1.30
V
CFILTER Charging Current
Nominal Current Limit Duration =
CFILTER x 550k
IFILTER
VVIN – VVSENSE > VTHILIMIT
2
2.5
3
µA
tFILTER
CFILTER Open
10
µs
AUXILIARY CURRENT REGULATION
Regulated Current Level
ILIM(AUX)
From end of ISC(TRAN) to
CFILTER time-out
0.8
1
1.2
A
Output MOSFET Resistance VAUX
MOSFET
rDS(AUX)
IDS = 375mA, TJ = +125°C
350
m
Ω
Off-State Output Offset Voltage VAUX
VOFF(VAUX)
VAUX = Off, TJ = +125°C
40
mV
BIAS AND POWER GOOD
Supply Current
ICC12
Enabled with no load current
0.9
1.5
mA
ICC3.3
Enabled with no load current
0.1
0.2
mA
ICCSTBY
Enabled with no load current
5
6
mA
12VIN, 3VIN, VSTBY Undervoltage
Lockout Thresholds
VUVLO (12V)
12VIN increasing
8
9
10
V
VUVLO (3V)
3VIN increasing
2.1
2.5
2.75
V
VUVLO(STBY)
VSTBY increasing
2.8
2.9
2.96
V
Undervoltage Lockout Hysteresis
12VIN, 3VIN
VHYSUV
180
mV
ISL6113, ISL6114


Similar Part No. - ISL6114IRZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6114IRZA-T RENESAS-ISL6114IRZA-T Datasheet
1Mb / 24P
   Dual Slot PCI-E Hot Plug Controllers
More results

Similar Description - ISL6114IRZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6113 RENESAS-ISL6113 Datasheet
1Mb / 24P
   Dual Slot PCI-E Hot Plug Controllers
HIP1011D RENESAS-HIP1011D Datasheet
684Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D_04 Datasheet
353Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Maxim Integrated Produc...
MAX5959 MAXIM-MAX5959 Datasheet
97Kb / 1P
   Quad PCI Express, Hot-Plug Controllers
Rev 0; 7/07
MAX5957 MAXIM-MAX5957 Datasheet
634Kb / 25P
   Triple PCI Express, Hot-Plug Controllers
Rev 0; 7/07
MAX5916A MAXIM-MAX5916A Datasheet
579Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
Rev 1; 4/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com