Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN239 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIN239
Description  5V Powered RS-232 Transmitters/Receivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN239 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIN239 Datasheet HTML 2Page - Intersil Corporation HIN239 Datasheet HTML 3Page - Intersil Corporation HIN239 Datasheet HTML 4Page - Intersil Corporation HIN239 Datasheet HTML 5Page - Intersil Corporation HIN239 Datasheet HTML 6Page - Intersil Corporation HIN239 Datasheet HTML 7Page - Intersil Corporation HIN239 Datasheet HTML 8Page - Intersil Corporation HIN239 Datasheet HTML 9Page - Intersil Corporation HIN239 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN3138.16
September 26, 2008
HIN239
(24 LD PDIP, SOIC)
TOP VIEW
HIN240
(44 LD MQFP)
TOP VIEW
Pinouts (Continued)
R1OUT
R1IN
GND
VCC
V+
C1+
C1-
V-
R5IN
R5OUT
R4OUT
R4IN
T1IN
R2OUT
R2IN
T2OUT
T1OUT
R3OUT
NC
EN
T3OUT
T2IN
R3IN
T3IN
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
NC
R2IN
NC
T2OUT
T1OUT
T3OUT
T4OUT
R3IN
R3OUT
T5IN
NC
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17
28
27
26
25
24
23
22
21
20
19
18
39 38 37 36 35 34
33
32
31
30
29
44 43 42 41 40
NC
NC
C1+
V+
C1-
C2+
C2-
V-
NC
NC
NC
HIN232, HIN236, HIN237, HIN238, HIN239, HIN240, HIN241


Similar Part No. - HIN239

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN239 INTERSIL-HIN239 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
HIN239 INTERSIL-HIN239 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN239 RENESAS-HIN239 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN239CB INTERSIL-HIN239CB Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
HIN239CB INTERSIL-HIN239CB Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
More results

Similar Description - HIN239

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN232A INTERSIL-HIN232A_06 Datasheet
245Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com