Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22446UFV20Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL22446UFV20Z
Description  Quad Digitally Controlled Potentiometer XDCP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22446UFV20Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL22446UFV20Z Datasheet HTML 1Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 2Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 3Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 4Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 5Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 6Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 7Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 8Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6181.2
September 9, 2009
ILkgDig
Leakage Current at Pins SHDN, SCK,
SDI, SDO and CS
Voltage at pin from GND to VCC
-1
1
µA
tWRT
(Note 21)
Wiper Response Time after SPI Write
to WR Register
1.5
µs
tShdnRec
(Note 21)
DCP Recall Time from Shutdown
Mode
From rising edge of SHDN signal to wiper
stored position and RH connection
1.5
µs
SCK rising edge of last bit of ACR data byte
to wiper stored position and RH connection
1.5
µs
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall occurs
2.0
2.6
V
VccRamp
VCC Ramp Rate
0.2
V/ms
tD
Power-up Delay
VCC above Vpor, to DCP Initial Value
Register recall completed, and SPI Interface
in standby state
3ms
EEPROM SPECIFICATION
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature T < +55°C
50
Years
tWC
(Note 19)
Non-volatile Write Cycle Time
12
20
ms
SERIAL INTERFACE SPECIFICATIONS
VIL
SHDN, SCK, SDI, and CS Input Buffer
LOW Voltage
-0.3
0.3*VCC
V
VIH
SHDN, SCK, SDI, and CS Input Buffer
HIGH Voltage
0.7*VCC
VCC + 0.3
V
Hysteresis
SHDN, SCK, SDI, and CS Input Buffer
Hysteresis
0.05*VCC
V
VOL
SDO Output Buffer LOW Voltage
IOL = 4mA
0
0.4
V
Rpu
(Note 20)
SDO pull-up resistor off-chip
Maximum is determined by tRO and tFO with
maximum bus load Cb = 30pF, fSCK = 5MHz
2k
Ω
Cpin
(Note 21)
SHDN, SCK, SDI, SDO and CS Pin
Capacitance
10
pF
fSCK
SPI Frequency
5MHz
tCYC
SPI Clock Cycle Time
200
ns
tWH
SPI Clock High Time
100
ns
tWL
SPI Clock Low Time
100
ns
tLEAD
Lead Time
250
ns
tLAG
Lag Time
250
ns
tSU
SDI, SCK and CS Input Setup Time
50
ns
tH
SDI, SCK and CS Input Hold Time
50
ns
tRI
SDI, SCK and CS Input Rise Time
10
ns
tFI
SDI, SCK and CS Input Fall Time
10
20
ns
tDIS
SDO Output Disable Time
0
100
ns
tV
SDO Output Valid Time
350
ns
Operating Specifications Over the recommended operating conditions, unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 22)
TYP
(Note 5)
MAX
(Note 22)
UNIT
ISL22446


Similar Part No. - ISL22446UFV20Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL22446UFV20Z RENESAS-ISL22446UFV20Z Datasheet
1Mb / 15P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 9, 2009
More results

Similar Description - ISL22446UFV20Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com