Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8100IWZ-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL8100IWZ-T7
Description  200MHz Rail-to-Rail Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8100IWZ-T7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL8100IWZ-T7 Datasheet HTML 4Page - Intersil Corporation EL8100IWZ-T7 Datasheet HTML 5Page - Intersil Corporation EL8100IWZ-T7 Datasheet HTML 6Page - Intersil Corporation EL8100IWZ-T7 Datasheet HTML 7Page - Intersil Corporation EL8100IWZ-T7 Datasheet HTML 8Page - Intersil Corporation EL8100IWZ-T7 Datasheet HTML 9Page - Intersil Corporation EL8100IWZ-T7 Datasheet HTML 10Page - Intersil Corporation EL8100IWZ-T7 Datasheet HTML 11Page - Intersil Corporation EL8100IWZ-T7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN7103.9
September 14, 2010
Description of Operation and Application
Information
Product Description
The EL8100, EL8101 are wide bandwidth, single supply, low
power and rail-to-rail output voltage feedback operational
amplifiers. Both amplifiers are internally compensated for
closed loop gain of +1 of greater. Connected in voltage
follower mode and driving a 1k
Ω load, the EL8100, EL8101
have a -3dB bandwidth of 200MHz. Driving a 150
Ω load, the
bandwidth is about 130MHz while maintaining a 200V/µs
slew rate. The EL8100 is available with a power-down pin to
reduce power to 30µA typically while the amplifier is
disabled.
Input, Output and Supply Voltage Range
The EL8100, EL8101 have been designed to operate with a
single supply voltage from 3V to 5.0V. Split supplies can also
be used as long as their total voltage is within 3V to 5.0V.
The amplifiers have an input common mode voltage range
from 0.15V below the negative supply (VS- pin) to within
1.5V of the positive supply (VS+ pin). If the input signal is
outside the above specified range, it will cause the output
signal to be distorted.
The output of the EL8100, EL8101 can swing rail-to-rail. As
the load resistance becomes lower, the ability to drive close
to each rail is reduced. For the load resistor 1k
Ω, the output
swing is about 4.9V at a 5V supply. For the load resistor
150
Ω, the output swing is about 4.6V.
Choice of Feedback Resistor and Gain Bandwidth
Product
For applications that require a gain of +1, no feedback
resistor is required. Just short the output pin to the inverting
input pin. For gains greater than +1, the feedback resistor
forms a pole with the parasitic capacitance at the inverting
input. As this pole becomes smaller, the amplifier’s phase
margin is reduced. This causes ringing in the time domain
FIGURE 23. DISABLED RESPONSE
FIGURE 24. ENABLED RESPONSE
FIGURE 25. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 26. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
VS = ±2.5V, AV = 1, RL = 1kΩ
CH1, CH2, 0.5V/DIV, M = 20ns
CH2
CH1
ENABLE
INPUT
OUTPUT
VS = ±2.5V, AV = 1, RL = 1kΩ
CH1, CH2, 1V/DIV, M = 100ns
CH2
CH1
ENABLE
INPUT
VOUT
909mW
1.4
1.2
1.0
0.8
0.6
0.2
0
0
25
50
75
100
150
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
AMBIENT TEMPERATURE (°C)
435mW
SO8
θJA = +110°C/W
SOT23-5/6
θJA = +230°C/W
1.0
0.9
0.8
0.6
0.4
0.1
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
625mW
SO8
θJA = +160°C/W
SOT23-5/6
θJA = +256°C/W
391mW
EL8100, EL8101


Similar Part No. - EL8100IWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8100IWZ-T7 INTERSIL-EL8100IWZ-T7 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100IWZ-T7 INTERSIL-EL8100IWZ-T7 Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
logo
Renesas Technology Corp
EL8100IWZ-T7 RENESAS-EL8100IWZ-T7 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100IWZ-T7A INTERSIL-EL8100IWZ-T7A Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100IWZ-T7A INTERSIL-EL8100IWZ-T7A Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
More results

Similar Description - EL8100IWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8300 INTERSIL-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com