Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN232IBZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIN232IBZ
Description  5V Powered RS-232 Transmitters/Receivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN232IBZ Datasheet(HTML) 3 Page - Intersil Corporation

  HIN232IBZ Datasheet HTML 1Page - Intersil Corporation HIN232IBZ Datasheet HTML 2Page - Intersil Corporation HIN232IBZ Datasheet HTML 3Page - Intersil Corporation HIN232IBZ Datasheet HTML 4Page - Intersil Corporation HIN232IBZ Datasheet HTML 5Page - Intersil Corporation HIN232IBZ Datasheet HTML 6Page - Intersil Corporation HIN232IBZ Datasheet HTML 7Page - Intersil Corporation HIN232IBZ Datasheet HTML 8Page - Intersil Corporation HIN232IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
FN3138.16
September 26, 2008
Ordering Information
PART
NUMBER
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
HIN232CB*
232CB
0 to +70
16 Ld SOIC
M16.3
HIN232CBZ*
(Note)
HIN232CBZ
0 to +70
16 Ld SOIC
(Pb-free)
M16.3
HIN232CP
HIN232CP
0 to +70
16 Ld PDIP
E16.3
HIN232CPZ
(Note)
HIN232CPZ
0 to +70
16 Ld PDIP**
(Pb-free)
E16.3
HIN232IB*
HIN232IB
-40 to +85
16 Ld SOIC
M16.3
HIN232IBZ*
(Note)
HIN232IBZ
-40 to +85
16 Ld SOIC
(Pb-free)
M16.3
HIN232IP
HIN232IP
-40 to +85
16 Ld PDIP
E16.3
HIN232IPZ
(Note)
HIN232IPZ
-40 to +85
16 Ld PDIP**
(Pb-free)
E16.3
HIN236CB
HIN236CB
0 to +70
24 Ld SOIC
M24.3
HIN236CBZ
(Note)
HIN236CBZ
0 to +70
24 Ld SOIC
(Pb-free)
M24.3
HIN237CB*
HIN237CB
0 to +70
24 Ld SOIC
M24.3
HIN237CBZ*
(Note)
HIN237CBZ
0 to +70
24 Ld SOIC
(Pb-free)
M24.3
HIN238CB*
HIN238CB
0 to +70
24 Ld SOIC
M24.3
HIN238CBZ*(Note)
HIN238CBZ
0 to +70
24 Ld SOIC
(Pb-free)
M24.3
HIN238CP
HIN238CP
0 to +70
24 Ld PDIP
E24.3
HIN238IB
HIN238IB
-40 to +85
24 Ld SOIC
M24.3
HIN238IBZ
(Note)
HIN238IBZ
-40 to +85
24 Ld SOIC
(Pb-free)
M24.3
HIN239CB*
HIN239CB
0 to +70
24 Ld SOIC
M24.3
HIN239CBZ*
(Note)
HIN239CBZ
0 to +70
24 Ld SOIC
(Pb-free)
M24.3
HIN239CP
HIN239CP
0 to +70
24 Ld PDIP
E24.3
HIN239CPZ
(Note)
HIN239CPZ
0 to +70
24 Ld PDIP**
(Pb-free)
E24.3
HIN240CN
HIN240CN
0 to +70
44 Ld MQFP
Q44.10X10
HIN240CNZ*
(Note)
HIN240CNZ
0 to +70
44 Ld MQFP
(Pb-free)
Q44.10X10
HIN241CA
HIN241CA
0 to +70
28 Ld SSOP
M28.209
HIN241CAZ
(Note)
HIN241CAZ
0 to +70
28 Ld SSOP
(Pb-free)
M28.209
HIN241CB*
HIN241CB
0 to +70
28 Ld SOIC
M28.3
HIN241CBZ*
(Note)
HIN241CBZ
0 to +70
28 Ld SOIC
(Pb-free)
M28.3
HIN241IB
HIN241IB
-40 to +85
28 Ld SOIC
M28.3
HIN241IBZ
(Note)
HIN241IBZ
-40 to +85
28 Ld SOIC
(Pb-free)
M28.3
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
**Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
HIN232, HIN236, HIN237, HIN238, HIN239, HIN240, HIN241


Similar Part No. - HIN232IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN232IBZ INTERSIL-HIN232IBZ Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232IBZ RENESAS-HIN232IBZ Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN232IBZ-T INTERSIL-HIN232IBZ-T Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
More results

Similar Description - HIN232IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN232A INTERSIL-HIN232A_06 Datasheet
245Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com