Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6263CHRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6263CHRZ
Description  5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6263CHRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6263CHRZ Datasheet HTML 6Page - Intersil Corporation ISL6263CHRZ Datasheet HTML 7Page - Intersil Corporation ISL6263CHRZ Datasheet HTML 8Page - Intersil Corporation ISL6263CHRZ Datasheet HTML 9Page - Intersil Corporation ISL6263CHRZ Datasheet HTML 10Page - Intersil Corporation ISL6263CHRZ Datasheet HTML 11Page - Intersil Corporation ISL6263CHRZ Datasheet HTML 12Page - Intersil Corporation ISL6263CHRZ Datasheet HTML 13Page - Intersil Corporation ISL6263CHRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
FN6745.1
July 8, 2010
Static Regulation
The output voltage VOUT will be regulated to the value set
by the VID inputs per Table 1. A true differential amplifier
connected to the VSEN and RTN pins implements processor
Kelvin sense for precise core voltage regulation at the GPU
voltage sense points.
The ISL6263C can accommodate DCR current sense or
discrete resistor current sense. The DCR current sense uses
the intrinsic series resistance of the output inductor, as
shown in the application circuit of Figure 2. The discrete
resistor current sense uses a shunt resistor in series with the
output inductor, as shown in the application circuit in
Figure 3. In both cases, the signal is fed to the non-inverting
input of the current sense amplifier at the ISP pin, where it is
measured differentially with respect to the output voltage of
the converter at the VO pin and amplified. The voltage at the
ICOMP pin minus the output voltage measured at the VO
pin, is proportional to the total inductor current. This
information is used for overcurrent protection and current
monitoring. It is important to note that this current
measurement should not be confused with the synthetic
current ripple information created within the R3 modulator.
When using inductor DCR current sense, an NTC
compensation network is optional to compensate the
positive temperature coefficient of the copper winding, thus
maintaining the current sense accuracy.
Processor Kelvin Voltage Sense
The remote voltage sense input pins VSEN and RTN of the
ISL6263C are to be terminated at the die of the GPU. Kelvin
sense allows the voltage regulator to tightly control the
processor voltage at the die, compensating for various
resistive voltage drops in the power delivery path.
Since the voltage feedback is sensed at the processor die,
removing the GPU will open the voltage feedback path of the
regulator, causing the output voltage to rise towards VIN.
The ISL6263C will shut down when the voltage between the
VO and VSS pins exceeds the severe overvoltage protection
threshold VOVPS of 1.55V. To prevent this issue from
occurring, it is recommended to install resistors ROPN1 and
ROPN2, as shown in Figure 5. These resistors provide
voltage feedback from the regulator local output in the
absence of the GPU. These resistors should be in the range
of 20Ω to 100Ω
.
VR_ON
VSOFT/VOUT
PGOOD
13 SWITCHING CYCLES
~100µs
90%
FIGURE 4. ISL6263C START-UP TIMING
FIGURE 5. SIMPLIFIED GPU KELVIN SENSE AND INDUCTOR DCR CURRENT SENSE
ISP
ISN
+
+
+
VO
VSEN
RTN
+
VDIFF
OCP
OCSET
ICOMP
Isense
ROCSET
COUT
LOUT
RS
ESR
DCR
PHASE
VOUT
VGND
TO
PROCESSOR
KELVIN
CONNECTIONS
RFILTER1
RFILTER2
CFILTER1
CFILTER2
CFILTER3
VDD
10µA
ISL6263C


Similar Part No. - ISL6263CHRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6263CHRZ INTERSIL-ISL6263CHRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6263CHRZ RENESAS-ISL6263CHRZ Datasheet
762Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
logo
Intersil Corporation
ISL6263CHRZ-T INTERSIL-ISL6263CHRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6263CHRZ-T RENESAS-ISL6263CHRZ-T Datasheet
762Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
More results

Similar Description - ISL6263CHRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6263C RENESAS-ISL6263C Datasheet
762Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
ISL6263D RENESAS-ISL6263D Datasheet
778Kb / 18P
   3-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
ISL6263B RENESAS-ISL6263B Datasheet
772Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263B INTERSIL-ISL6263B Datasheet
478Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
logo
Renesas Technology Corp
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263 INTERSIL-ISL6263 Datasheet
493Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
ISL62873 INTERSIL-ISL62873 Datasheet
534Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62871 RENESAS-ISL62871 Datasheet
1Mb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com