Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL76161AVZ-TK Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL76161AVZ-TK
Description  12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL76161AVZ-TK Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL76161AVZ-TK Datasheet HTML 4Page - Intersil Corporation ISL76161AVZ-TK Datasheet HTML 5Page - Intersil Corporation ISL76161AVZ-TK Datasheet HTML 6Page - Intersil Corporation ISL76161AVZ-TK Datasheet HTML 7Page - Intersil Corporation ISL76161AVZ-TK Datasheet HTML 8Page - Intersil Corporation ISL76161AVZ-TK Datasheet HTML 9Page - Intersil Corporation ISL76161AVZ-TK Datasheet HTML 10Page - Intersil Corporation ISL76161AVZ-TK Datasheet HTML 11Page - Intersil Corporation ISL76161AVZ-TK Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN6720.1
September 9, 2008
FIGURE 7. UMTS AT 19.2MHz, 76.8MSPS (70dB 1stACPR,
70dB 2ndACPR)
FIGURE 8. ONE TONE AT 10.1MHz, 80MSPS CLOCK
(71dBc - NYQUIST, 6dB PAD)
FIGURE 9. TWO TONES (CkHzF = 6) AT 8.5MHz, 50MSPS
CLOCK, 500kHz SPACING (82dBc - 10MHz
WINDOW, 6dB PAD)
FIGURE 10. FOUR TONES (CF = 8.1) AT 14MHz, 80MSPS
CLOCK, 800kHz SPACING (70dBc - NYQUIST,
6dB PAD)
Typical Performance (+3.3V Supply, Using Figure 11 with RDIFF = 100Ω and RLOAD = 50Ω) (Continued)
SPECTRAL MASK
UMTS TDD
P > 43dBm BTS
ISL76161


Similar Part No. - ISL76161AVZ-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL76161AVZ-TK RENESAS-ISL76161AVZ-TK Datasheet
917Kb / 12P
   12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
December 23, 2013
More results

Similar Description - ISL76161AVZ-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL76161 RENESAS-ISL76161 Datasheet
917Kb / 12P
   12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
December 23, 2013
logo
Intersil Corporation
HI5860 INTERSIL-HI5860_05 Datasheet
621Kb / 10P
   12-Bit, 130MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5860 RENESAS-HI5860 Datasheet
586Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5860IA INTERSIL-HI5860IA Datasheet
683Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
HI5860 INTERSIL-HI5860_08 Datasheet
477Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5960 RENESAS-HI5960 Datasheet
552Kb / 12P
   14-Bit, 130MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
HI5828 RENESAS-HI5828 Datasheet
552Kb / 12P
   12-Bit, 130MSPS, Dual High Speed CMOS D/A (2.7V-5.5V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com