Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6263AIRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6263AIRZ
Description  5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6263AIRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6263AIRZ Datasheet HTML 7Page - Intersil Corporation ISL6263AIRZ Datasheet HTML 8Page - Intersil Corporation ISL6263AIRZ Datasheet HTML 9Page - Intersil Corporation ISL6263AIRZ Datasheet HTML 10Page - Intersil Corporation ISL6263AIRZ Datasheet HTML 11Page - Intersil Corporation ISL6263AIRZ Datasheet HTML 12Page - Intersil Corporation ISL6263AIRZ Datasheet HTML 13Page - Intersil Corporation ISL6263AIRZ Datasheet HTML 14Page - Intersil Corporation ISL6263AIRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN9284.3
July 8, 2010
Static Regulation
The VCCGFX output voltage will be regulated to the value set
by the VID inputs per Table 2. A true differential amplifier
connected to the VSEN and RTN pins implements processor
socket Kelvin sensing for precise core voltage regulation at
the GPU voltage sense points.
As the load current increases from zero, the VCCGFX output
voltage will droop from the VID set-point by an amount
proportional to the IMVP-6+ load line. The ISL6263A can
accommodate DCR current sensing or discrete resistor
current sensing. The DCR current sensing uses the intrinsic
series resistance of the output inductor as shown in the
application circuit of Figure 2. The discrete resistor current
sensing uses a shunt connected in series with the output
inductor as shown in the application circuit of Figure 3. In
both cases the signal is fed to the non-inverting input of the
DROOP amplifier at the VSUM pin, where it is measured
differentially with respect to the output voltage of the
converter at the VO pin and amplifier. The voltage at the
DROOP pin minus the output voltage measured at the VO
pin, is proportional to the total inductor current. This
information is used exclusively to achieve the IMVP-6+ load
line as well as the overcurrent protection. It is important to
note that this current measurement should not be confused
with the synthetic current ripple information created within
the R3 modulator.
When using inductor DCR current sensing, an NTC element
is used to compensate the positive temperature coefficient of
the copper winding thus maintaining the load-line accuracy.
Processor Socket Kelvin Voltage Sensing
The remote voltage sense input pins VSEN and RTN of the
ISL6263A are to be terminated at the die of the GPU through
connections that mate at the processor socket. (The signal
names are VCC_SENSE and VSS_SENSE respectively).
Kelvin sensing allows the voltage regulator to tightly control
the processor voltage at the die, compensating for various
resistive voltage drops in the power delivery path.
Since the voltage feedback is sensed at the processor die,
removing the GPU will open the voltage feedback path of the
regulator, causing the output voltage to rise towards VIN.
The ISL6263A will shut down when the voltage between the
VO and VSS pins exceeds the severe overvoltage protection
threshold VOVPS of 1.55V. To prevent this issue from
occurring, it is recommended to install resistors ROPN1 and
ROPN2 as shown in Figure 5. These resistors provide
voltage feedback from the regulator local output in the
absence of the GPU. These resistors should be in the range
of 20
Ω to 100Ω.
High Efficiency Diode Emulation Mode
The ISL6263A operates in continuous-conduction-mode (CCM)
during heavy load for minimum conduction loss by forcing the
low-side MOSFET to operate as a synchronous rectifier. An
improvement in light-load efficiency is achieved by allowing the
converter to operate in diode-emulation mode (DEM) where the
low-side MOSFET behaves as a smart-diode, forcing the
device to block negative inductor current flow.
Positive-going inductor current flows from either the source
of the high-side MOSFET, or the drain of the low-side
MOSFET. Negative-going inductor current flows into the
source of the high-side MOSFET, or into the drain of the
low-side MOSFET. When the low-side MOSFET conducts
positive inductor current, the phase voltage will be negative
with respect to the VSS pin. Conversely, when the low-side
MOSFET conducts negative inductor current, the phase
voltage will be positive with respect to the VSS pin. Negative
inductor current occurs when the output DC load current is
less than ½ the inductor ripple current. Sinking negative
inductor current through the low-side MOSFET lowers
efficiency through unnecessary conduction losses. Efficiency
can be further improved with a reduction of unnecessary
switching losses by reducing the PWM frequency. The PWM
frequency can be configured to automatically make a
step-reduction upon entering DEM by forcing a
step-increase of the window voltage VW. The window
voltage can be configured to increase approximately 30%,
50%, or not at all. The characteristic PWM frequency
reduction, coincident with decreasing load, is accelerated by
the step-increase of the window voltage. An audio filter can
be enabled that briefly turns on the low-side MOSFET gate
driver LGATE approximately every 35µs.
The converter will enter DEM after detecting three
consecutive PWM pulses with negative inductor current. The
negative inductor current is detected during the time that the
high-side MOSFET gate driver output UGATE is low, with the
exception of a brief blanking period. The voltage between
the PHASE pin and VSS pin is monitored by a comparator
that latches upon detection of the positive phase voltage.
The converter will return to CCM after detecting three
consecutive PWM pulses with positive inductor current. The
inductor current is considered positive if the phase
comparator has not been latched while UGATE is low.
VR_ON
VSOFT/VCCGFX
PGOOD
13 SWITCHING CYCLES
~100µ
90%
FIGURE 4. ISL6263A START-UP TIMING
ISL6263A


Similar Part No. - ISL6263AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6263AIRZ RENESAS-ISL6263AIRZ Datasheet
841Kb / 20P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263AIRZ-T RENESAS-ISL6263AIRZ-T Datasheet
841Kb / 20P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
More results

Similar Description - ISL6263AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
ISL6263B RENESAS-ISL6263B Datasheet
772Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263 INTERSIL-ISL6263 Datasheet
493Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
ISL6263B INTERSIL-ISL6263B Datasheet
478Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263C INTERSIL-ISL6263C Datasheet
549Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
logo
Renesas Technology Corp
ISL6263C RENESAS-ISL6263C Datasheet
762Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
logo
Intersil Corporation
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6262A RENESAS-ISL6262A Datasheet
1Mb / 28P
   Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
logo
Intersil Corporation
ISL6262A INTERSIL-ISL6262A Datasheet
630Kb / 28P
   Two-Phase Core Controller Santa Rosa, IMVP-6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com