Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6228 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6228
Description  High-Performance Dual-Output Buck Controller for Notebook Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6228 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6228 Datasheet HTML 1Page - Intersil Corporation ISL6228 Datasheet HTML 2Page - Intersil Corporation ISL6228 Datasheet HTML 3Page - Intersil Corporation ISL6228 Datasheet HTML 4Page - Intersil Corporation ISL6228 Datasheet HTML 5Page - Intersil Corporation ISL6228 Datasheet HTML 6Page - Intersil Corporation ISL6228 Datasheet HTML 7Page - Intersil Corporation ISL6228 Datasheet HTML 8Page - Intersil Corporation ISL6228 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN9095.2
May 7, 2008
Typical Application
VIN1
PHASE1
BOOT1
UGATE1
LGATE1
CVCC1
CO1
LO1
ISL6228
RVCC1
QHIGH_SIDE1
RFSET1
CFSET1
CBOOT1
VIN1
CIN1
VO1
QLOW_SIDE1
5V
ROCSET1
CSEN1
OCSET1
VO1
FB1
RTOP1
RBOTTOM1
RFB1
CFB1
FSET1
PVCC1
VCC1
PGOOD1
EN1
GND
PHASE2
BOOT2
UGATE2
LGATE2
CO2
LO2
QHIGH_SIDE2
RFSET2
CFSET2
CBOOT2
VO2
QLOW_SIDE2
ROCSET2
CSEN2
OCSET2
VO2
FB2
RTOP2
RBOTTOM2
RFB2
CFB2
FSET2
EN2
RO1
RO2
PGND1
PGND2
VIN2
CIN2
VIN2
0.6V TO 5V
0.6V TO 5V
3.3V TO 25V
3.3V TO 25V
CPVCC1
RPVCC1
PGOOD1
RPGOOD1
CVCC2
RVCC2
PVCC2
VCC2
PGOOD2
CPVCC2
RPVCC2
PGOOD2
RPGOOD2
ISL6228


Similar Part No. - ISL6228

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6228 RENESAS-ISL6228 Datasheet
860Kb / 17P
   High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Intersil Corporation
ISL6228 INTERSIL-ISL6228 Datasheet
467Kb / 16P
   High-Performance Dual-Output Buck Controller for Notebook Applications
May 7, 2008
ISL6228HRTZ INTERSIL-ISL6228HRTZ Datasheet
467Kb / 16P
   High-Performance Dual-Output Buck Controller for Notebook Applications
May 7, 2008
logo
Renesas Technology Corp
ISL6228HRTZ RENESAS-ISL6228HRTZ Datasheet
860Kb / 17P
   High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Intersil Corporation
ISL6228HRTZ-T INTERSIL-ISL6228HRTZ-T Datasheet
467Kb / 16P
   High-Performance Dual-Output Buck Controller for Notebook Applications
May 7, 2008
More results

Similar Description - ISL6228

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6228HRTZ INTERSIL-ISL6228HRTZ Datasheet
467Kb / 16P
   High-Performance Dual-Output Buck Controller for Notebook Applications
May 7, 2008
logo
Renesas Technology Corp
ISL6228 RENESAS-ISL6228 Datasheet
860Kb / 17P
   High-Performance Dual-Output Buck Controller for Notebook Applications
logo
ON Semiconductor
NCP5222 ONSEMI-NCP5222 Datasheet
3Mb / 28P
   High Performance Dual-Channel / Two-Phase Synchronous Buck Controller for Notebook Power System
February, 2010 ??Rev. 0
NCP5215 ONSEMI-NCP5215 Datasheet
2Mb / 21P
   Dual Synchronous Buck Controller for Notebook Power System
October, 2008 ??Rev. 5
logo
Maxim Integrated Produc...
MAX15034 MAXIM-MAX15034_11 Datasheet
329Kb / 26P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 1; 10/11
MAX15034 MAXIM-MAX15034 Datasheet
356Kb / 25P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 0; 7/08
MAX5066 MAXIM-MAX5066 Datasheet
367Kb / 22P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 1; 8/05
logo
Anpec Electronics Corop...
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
   High-Performance Notebook PWM Controller
APW8815 ANPEC-APW8815 Datasheet
539Kb / 28P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
420Kb / 15P
   High-Performance Notebook PWM Controller
November 18, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com