Electronic Components Datasheet Search |
|
B32656S1154565 Datasheet(PDF) 2 Page - EPCOS |
|
B32656S1154565 Datasheet(HTML) 2 Page - EPCOS |
2 / 31 page Typical applications IGBT Snubbering Climatic Max. operating temperature: 110 °C Climatic category (IEC 60068-1): 55/100/56 Construction Dielectric: polypropylene (PP) Wound capacitor technology with internal series connection Plastic case (UL 94 V-0) Epoxy resin sealing (UL 94 V-0) Features High pulse strength and high contact reliability Very low inductance Terminals Strap terminals, tinned copper or brass (max. torque 10 Nm) Marking Manufacturer's logo, ordering code, style (MKP) rated capacitance (coded), cap. tolerance (code letter), rated DC voltage, date of manufacture (coded) Delivery mode Bulk (untaped) Dimensional drawings T1 (code no. 561) T2 (code no. 562) Metallized polypropylene film capacitors (MKP) B32656S Snubber (wound) Page 2 of 31 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B32656S1154565 |
|
Similar Description - B32656S1154565 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |