Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6150CB Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6150CB
Description  Negative Voltage Hot Plug Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6150CB Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6150CB Datasheet HTML 1Page - Intersil Corporation ISL6150CB Datasheet HTML 2Page - Intersil Corporation ISL6150CB Datasheet HTML 3Page - Intersil Corporation ISL6150CB Datasheet HTML 4Page - Intersil Corporation ISL6150CB Datasheet HTML 5Page - Intersil Corporation ISL6150CB Datasheet HTML 6Page - Intersil Corporation ISL6150CB Datasheet HTML 7Page - Intersil Corporation ISL6150CB Datasheet HTML 8Page - Intersil Corporation ISL6150CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
FN9039.4
.
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD to VEE) . . . . . . . . . . . . . -0.3V to 100V
DRAIN, PWRGD, PWRGD Voltage . . . . . . . . . . -0.3V to 100V
UV, OV Input Voltage . . . . . . . . . . . . . . . . . . . -0.3V to 60V
SENSE, GATE Voltage . . . . . . . . . . . . . . . . . . . -0.3V to 20V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7 . . .2000V
Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . -40°C to +85°C
Temperature Range (Commercial) . . . . . . . . . 0°C to +70°C
Supply Voltage Range (Typical) . . . . . . . . . . . 36V to +72V
Thermal Resistance (Typical, Note 4)
θJA (°C/W)
8 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . .
95
Maximum Junction Temperature (Plastic Package) . . +150°C
Maximum Storage Temperature Range . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
Electrical Specifications
VDD = +48V, VEE = +0V Unless Otherwise Specified. All tests are over the full temperature
range; either Commercial (0°C to +70°C) or Industrial (-40°C to +85°C). Typical specs are
at +25°C. Boldface limits apply over the operating temperature range, -40°C to
+85°C.
PARAMETER
SYMBOL
TEST
CONDITIONS
TEST
LEVEL OR
NOTES
PART NUMBER
OR GRADE
UNITS
MIN
(Note 7) TYP
MAX
(Note 7)
DC PARAMETRIC
Supply Operating Range
VDD
10
-
80
V
Supply Current
IDD
UV = 3V; OV = VEE;
SENSE = VEE; VDD = 80V
0.6
0.9
1.3
mA
GATE PIN
Gate Pin Pull-Up Current
IPU
Gate Drive on, VGATE = VEE
-30
-45
-60
µA
Gate Pin Pull-Down Current
IPD
Gate Drive off; any fault
condition
24
32
70
mA
External Gate Drive
Δ-VGATE (VGATE - VEE), 17V ≤ VDD ≤ 80V
10
14
15
V
(VGATE - VEE), 10V ≤ VDD ≤ 17V
5
5.4
6.2
15
V
SENSE PIN
Circuit Breaker Trip Voltage
VCB
VCB = (VSENSE - VEE)
40
50
60
mV
SENSE Pin Current
ISENSE VSENSE = 50mV
-
0
-0.5
µA
UV PIN
UV Pin High Threshold Voltage
VUVH
UV Low to High Transition
1.213
1.243
1.272
V
UV Pin Low Threshold Voltage
VUVL
UV High to Low Transition
1.198
1.223
1.247
V
UV Pin Hysteresis
VUVHY
7
20
50
mV
UV Pin Input Current
IINUV
VUV = VEE
-
-0.05
-0.5
µA
OV PIN
OV Pin High Threshold Voltage
VOVH
OV Low to High Transition
1.198
1.223
1.247
V
OV Pin Low Threshold Voltage
VOVL
OV High to Low Transition
1.165
1.203
1.232
V
OV Pin Hysteresis
VOVHY
7
20
50
mV
OV Pin Input Current
IINOV
VOV = VEE
-
-0.05
-0.5
µA
ISL6140, ISL6150


Similar Part No. - ISL6150CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6150CB INTERSIL-ISL6150CB Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6150CB INTERSIL-ISL6150CB Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6150CB RENESAS-ISL6150CB Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6150CBZ INTERSIL-ISL6150CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6150CBZ INTERSIL-ISL6150CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
More results

Similar Description - ISL6150CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com