Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88706IP831Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL88706IP831Z
Description  uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88706IP831Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL88706IP831Z Datasheet HTML 4Page - Intersil Corporation ISL88706IP831Z Datasheet HTML 5Page - Intersil Corporation ISL88706IP831Z Datasheet HTML 6Page - Intersil Corporation ISL88706IP831Z Datasheet HTML 7Page - Intersil Corporation ISL88706IP831Z Datasheet HTML 8Page - Intersil Corporation ISL88706IP831Z Datasheet HTML 9Page - Intersil Corporation ISL88706IP831Z Datasheet HTML 10Page - Intersil Corporation ISL88706IP831Z Datasheet HTML 11Page - Intersil Corporation ISL88706IP831Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN8092.5
January 12, 2009
.
Manual Reset
The manual-reset input (MR) allows the user to trigger a
reset by using a push-button switch. The MR input is an
active low debounced input. By connecting a push-button
directly from MR to ground, the designer adds manual
system reset capability (see Figure 4). Reset is asserted if
the MR pin is pulled low to less than 100mV for the minimum
MR pulse width or longer while the push-button is closed.
After MR is released, the reset outputs remain asserted for
tPOR (200ms) and then released.
Watchdog Timer
The Watchdog Timer circuit checks microprocessor activity
by monitoring the WDI input pin. The microprocessor must
periodically toggle the WDI pin within tWDT (typically ~1.6s),
otherwise the WDO pin pulls low (see Figure 5). The WDO
then signals reset periodically (typically ~1.9s) for ~220ms
until the WDI is again toggled. Internally, the 1.6s timer is
cleared by either a reset or by toggling the WDI input, which
can detect pulses longer than 50ns.
Whenever there is a low-voltage VDD condition, WDO goes
low. Unlike the reset outputs, however, WDO does not have
a minimum reset pulse width (tPOR). WDO goes high as
soon as VDD rises above its voltage trip point (see Figure 5).
With WDI open or connected to a tristated high impedance
input, the Watchdog Timer is disabled and only pulls low
when VDD < VTH1.
ISL88707, ISL88708
FIGURE 3. ADJUSTING tPOR WITH A CAPACITOR
CPOR (pF)
CPOR
0
2
4
6
8
10
12
14
010
20
30
40
50
60
70
80
90
100
NORMALIZED tPOR vs CPOR (pF)
OPEN = 200ms
MR
PB
20k
FIGURE 4. CONNECTING A MANUAL RESET PUSH-BUTTON
ISL8870x
ISL88705, ISL88706, ISL88707, ISL88708, ISL88716, ISL88813


Similar Part No. - ISL88706IP831Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88706IP831Z INTERSIL-ISL88706IP831Z Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Renesas Technology Corp
ISL88706IP831Z RENESAS-ISL88706IP831Z Datasheet
912Kb / 16P
   Portable/Battery Powered Equipment
More results

Similar Description - ISL88706IP831Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX6701-08 MAXIM-MAX6701-08 Datasheet
194Kb / 12P
   Low-Voltage, SOT23 uP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
logo
Linear Technology
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
logo
National Semiconductor ...
LM3712 NSC-LM3712 Datasheet
244Kb / 13P
   Microprocessor Supervisory Circuits with Separate Watchdog Timer Output, Power Fail Input and Manual Reset
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com