Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5306 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5306
Description  350MHz Fixed Gain Amplifiers with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5306 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5306 Datasheet HTML 1Page - Intersil Corporation EL5306 Datasheet HTML 2Page - Intersil Corporation EL5306 Datasheet HTML 3Page - Intersil Corporation EL5306 Datasheet HTML 4Page - Intersil Corporation EL5306 Datasheet HTML 5Page - Intersil Corporation EL5306 Datasheet HTML 6Page - Intersil Corporation EL5306 Datasheet HTML 7Page - Intersil Corporation EL5306 Datasheet HTML 8Page - Intersil Corporation EL5306 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN7357.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2005, 2007, 2010. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
EL5106, EL5306
350MHz Fixed Gain Amplifiers with Enable
The EL5106 and EL5306 are fixed gain amplifiers with a
bandwidth of 350MHz. This makes these amplifiers ideal for
today’s high speed video and monitor applications. They
feature internal gain setting resistors and can be configured
in a gain of +1, -1 or +2.
With a supply current of just 1.5mA and the ability to run
from a single supply voltage from 5V to 12V, these amplifiers
are also ideal for handheld, portable or battery powered
equipment.
The EL5106 and EL5306 also incorporate an enable and
disable function to reduce the supply current to 25µA typical
per amplifier. Allowing the CE pin to float or applying a low
logic level will enable the amplifier.
The EL5106 is offered in the 6 Ld SOT-23 and the
industry-standard 8 Ld SOIC packages and the EL5306 is
available in the 16 Ld SOIC and 16 Ld QSOP packages. All
operate over the industrial temperature range of -40°C to
+85°C.
Features
• Pb-free available (RoHS compliant)
• Gain selectable (+1, -1, +2)
• 350MHz -3dB BW (AV = 2)
• 1.5mA supply current per amplifier
• Fast enable/disable
• Single and dual supply operation, from 5V to 12V
• Available in SOT-23 packages
• 450MHz, 3.5mA product available (EL5108 and EL5308)
Applications
• Battery powered equipment
• Handheld, portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers
Ordering Information
PART NUMBER
PART MARKING
PACKAGE
PKG. DWG. #
EL5106IWZ-T7* (Note 1)
BAFA (Note 2)
6 Ld SOT-23 (Pb-free)
P6.064A
EL5106IWZ-T7A* (Note 1)
BAFA (Note 2)
6 Ld SOT-23 (Pb-free)
P6.064A
EL5106IS
5106IS
8 Ld SOIC (150 mil)
M8.15E
EL5106ISZ (Note 1)
5106ISZ
8 Ld SOIC (150 mil) (Pb-free)
M8.15E
EL5106ISZ-T7* (Note 1)
5106ISZ
8 Ld SOIC (150 mil) (Pb-free)
M8.15E
EL5106ISZ-T13* (Note 1)
5106ISZ
8 Ld SOIC (150 mil) (Pb-free)
M8.15E
EL5306ISZ (Note 1)
EL5306ISZ
16 Ld SOIC (150 mil) (Pb-free)
M8.15E
EL5306ISZ-T7* (Note 1)
EL5306ISZ
16 Ld SOIC (150 mil) (Pb-free)
M8.15E
EL5306ISZ-T13* (Note 1)
EL5306ISZ
16 Ld SOIC (150 mil) (Pb-free)
M8.15E
EL5306IUZ (Note 1)
5306IUZ
16 Ld QSOP (150 mil) (Pb-free)
MDP0040
EL5306IUZ-T7* (Note 1)
5306IUZ
16 Ld QSOP (150 mil) (Pb-free)
MDP0040
EL5306IUZ-T13* (Note 1)
5306IUZ
16 Ld QSOP (150 mil) (Pb-free)
MDP0040
*Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
2. The part marking is located on the bottom of the part.
Data Sheet
September 21, 2010


Similar Part No. - EL5306

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
EL5306 INTERSIL-EL5306 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5306 RENESAS-EL5306 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5306IS INTERSIL-EL5306IS Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
More results

Similar Description - EL5306

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_05 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_07 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com