Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6301V Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP6301V
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6301V Datasheet(HTML) 5 Page - Intersil Corporation

  HIP6301V Datasheet HTML 1Page - Intersil Corporation HIP6301V Datasheet HTML 2Page - Intersil Corporation HIP6301V Datasheet HTML 3Page - Intersil Corporation HIP6301V Datasheet HTML 4Page - Intersil Corporation HIP6301V Datasheet HTML 5Page - Intersil Corporation HIP6301V Datasheet HTML 6Page - Intersil Corporation HIP6301V Datasheet HTML 7Page - Intersil Corporation HIP6301V Datasheet HTML 8Page - Intersil Corporation HIP6301V Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN9034.2
December 27, 2004
HIP6301V and HIP6302V Functional Pin Descriptions
VID4, VID3, VID2, VID1 and VID0 (Pins 1 thru 5 -
Both Parts)
Voltage Identification inputs. The HIP6301V and HIP6302V
decode the VID bits to establish the reference voltage (see
Table 1). Each pin has an internal 20
µA pull-up current source
to 2.5V making the parts compatible with CMOS and TTL
logic from 5V down to 2.5V. When a VID change is detected
the reference voltage slowly ramps up or down to the new
value in 25mV steps. VID input levels above 2.9V may
produce an reference-voltage offset inaccuracy.
COMP (Pin 6 - Both Parts)
Output of the internal error amplifier. Connect this pin to the
external feedback and compensation network.
FB (Pin 7 - Both Parts)
Inverting input of the internal error amplifier.
FS/DIS (Pin 8 - Both Parts)
Channel frequency, FSW, select and disable. A resistor from
this pin to ground sets the switching frequency of the
converter. Pulling this pin to ground disables the converter
and three states the PWM outputs. See Figure 10.
GND (Pin 9 - Both Parts)
Bias and reference ground. All signals are referenced to this
pin.
VSEN (Pin 10 - Both Parts)
Power good monitor input. Connect to the microprocessor-
CORE voltage.
PWM1 (Pin 15 - HIP6301V, Pin 14 - HIP6302V),
PWM2 (Pin 14 -HIP6301V, Pin 12 - HIP6302V),
PWM3 (Pin 11 - HIP6301V only) and PWM4 (Pin 18 -
HIP6301V only)
PWM outputs for each channel. Connect these pins to the
PWM input of the external MOSFET driver. For HIP6301V
systems using 3 channels, connect PWM4 high. For two
channel systems, connect PWM3 and PWM4 high.
ISEN1 (Pin 16 - HIP6301V, Pin 14 - HIP6302V),
ISEN2 (Pin 13 - HIP6301V, Pin 11 - HIP6302V),
ISEN3 (Pin 12 - HIP6301V only) and ISEN4 (Pin 17 -
HIP6301V only)
Current sense inputs from the individual converter channel’s
phase nodes. Unused sense lines MUST be left open.
PGOOD (Pin 19 - HIP6301V, Pin 15 - HIP6302V)
Power good. This pin is an open-drain logic signal that
indicates when the microprocessor CORE voltage (VSEN
pin) is within specified limits and Soft-Start has timed out.
VCC (Pin 20 - HIP6301V, Pin 16 - HIP6302V)
Bias supply. Connect this pin to a 5V supply.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VID4
VID3
VID2
VID1
VID0
FS/DIS
PWM2
PGOOD
PWM3
ISEN4
ISEN1
VCC
GND
ISEN3
FB
PWM4
VSEN
COMP
PWM1
ISEN2
HIP6301V PINOUT
9
10
11
12
13
14
16
15
8
7
6
5
4
3
2
1
VID4
VID3
VID2
VID1
VID0
FS/DIS
VSEN
PGOOD
PWM2
VCC
FB
COMP
ISEN2
GND
HIP6302V PINOUT
ISEN1
PWM1
HIP6301V, HIP6302V


Similar Part No. - HIP6301V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6301V RENESAS-HIP6301V Datasheet
945Kb / 20P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6301VCB RENESAS-HIP6301VCB Datasheet
945Kb / 20P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6301VCBZ RENESAS-HIP6301VCBZ Datasheet
945Kb / 20P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6301VCBZA RENESAS-HIP6301VCBZA Datasheet
945Kb / 20P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - HIP6301V

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6553 INTERSIL-ISL6553 Datasheet
182Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com