Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6540ACRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6540ACRZ
Description  Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6540ACRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6540ACRZ Datasheet HTML 4Page - Intersil Corporation ISL6540ACRZ Datasheet HTML 5Page - Intersil Corporation ISL6540ACRZ Datasheet HTML 6Page - Intersil Corporation ISL6540ACRZ Datasheet HTML 7Page - Intersil Corporation ISL6540ACRZ Datasheet HTML 8Page - Intersil Corporation ISL6540ACRZ Datasheet HTML 9Page - Intersil Corporation ISL6540ACRZ Datasheet HTML 10Page - Intersil Corporation ISL6540ACRZ Datasheet HTML 11Page - Intersil Corporation ISL6540ACRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
FN6288.5
October 7, 2008
VINDV/DT_Max Maximum VIN DV/DT
VIN = 0 V to VIN step, PVCC < 2.0V at VIN
application; VIN > 6.5V
-1
-
V/µs
VIN = 2.0 V to VIN step, 2.0V < PVCC at VIN
application; VIN > 6.5V
-0.05
-
V/µs
EXTERNAL LINEAR REGULATOR
LIN_DRV
Maximum Sinking Drive Current
LIN_DRV = VIN = 20V
1.30
4.17
5.30
mA
LIN_DRV = VIN = 3.3V
1.67
3.88
4.67
mA
OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
DC Gain
CSS = 0.1µF, at SS Pin
-
88
-
dB
Drive Capability
CSS = 0.1µF, at SS Pin
30
37
44
µA
GATE DRIVERS
RUGATE
Ugate Source Resistance
500mA Source Current, PVCC = 5.0V
-
1.0
-
Ω
IUGATE
Ugate Source Saturation Current VUGATE-PHASE = 2.5V, PVCC = 5.0V
-
2.0
-
A
RUGATE
Ugate Sink Resistance
500mA Sink Current, PVCC = 5.0V
-
1.0
-
Ω
IUGATE
Ugate Sink Saturation Current
VUGATE-PHASE = 2.5V, PVCC = 5.0V
-
2.0
-
A
RLGATE
Lgate Source Resistance
500mA Source Current, PVCC = 5.0V
-
1.0
-
Ω
ILGATE
Lgate Source Saturation Current
VLGATE = 2.5V, PVCC = 5.0V
-
2.0
-
A
RLGATE
Lgate Sink Resistance
500mA Sink Current, PVCC = 5.0V
-
0.4
-
Ω
ILGATE
Lgate Sink Saturation Current
VLGATE = 2.5V, PVCC = 5.0V
-
4.0
-
A
OVERCURRENT PROTECTION (OCP)
ILSOC
Low Side OCP (LSOC) Current
Source
LSOC = 0V to VCC - 1.0V, TA = 0°C to +70°C
86
100
107
µA
LSOC = 0V to VCC - 1.0V, TA = -40°C to +85°C
84
100
109
µA
ILSOC_OFSET LSOC Maximum Offset Error
VCC = 2.9V and 5.6V TSAMPLE < 10µs
-
±2
-
mV
IHSOC
High Side OCP (HSOC) Current
Source
HSOC = 0.8V to 22V TA = 0°C to +70°C
91
100
106
µA
HSOC = 0.8V to 22V TA = -40°C to +85°C
89
100
107
µA
IHSOC_LOW
HSOC = 0.3V to 0.8V
84
-
107
µA
IHSOC_OFSET HSOC Maximum Offset Error
VCC = 2.9V and 5.5V TSAMPLE < 10µs
-
±2
-
mV
MARGINING CONTROL
VMARG
Minimum Margining Voltage of
Internal Reference
RMARG = 10kΩ, ROFS- = 6.01kΩ,
MAR_CRTL = 0V
-187
-197
-209
mV
VMARG
Maximum Margining Voltage of
Internal Reference
RMARG = 10kΩ, ROFS+ = 6.01kΩ,
MAR_CRTL = VCC
185
197
208
mV
NMARG
Margining Transfer Ratio
NMARG = (VOFS--VOFS+)/VMARG
4.84
5
5.22
SDR
MAR_CTRL
Positive Margining Threshold
1.51
1.8
2.02
V
MAR_CTRL
Negative Margining Threshold
0.75
0.9
1.05
V
MAR_CTRL
Tri-state Input Level
Disable Mode
1.21
1.325
1.40
V
POWER GOOD MONITOR
VUVR
Undervoltage Rising Trip Point
-7%
-9%
-11%
VSS
VUVF
Undervoltage Falling Trip Point
-13%
-15%
-17%
VSS
VOVR
Overvoltage Rising Trip Point
13%
15%
17%
VSS
VOVF
Overvoltage Falling Trip Point
7%
9%
11%
VSS
TPG_DLY
PGOOD Delay
CPG_DLY = 0.1µF
-
7.1
-
ms
IPG_DLY
PGOOD Delay Source Current
17
21
24
µA
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Parts are 100% tested at +25°C. Temperature
limits established by characterization and are not production tested. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6540A


Similar Part No. - ISL6540ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6540ACRZ INTERSIL-ISL6540ACRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6540ACRZ RENESAS-ISL6540ACRZ Datasheet
1,001Kb / 22P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
logo
Intersil Corporation
ISL6540ACRZ-T INTERSIL-ISL6540ACRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL6540ACRZ-TS2490 INTERSIL-ISL6540ACRZ-TS2490 Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6540ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6540 INTERSIL-ISL6540 Datasheet
438Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL6540 INTERSIL-ISL6540_06 Datasheet
521Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
logo
Renesas Technology Corp
ISL6540A RENESAS-ISL6540A Datasheet
1,001Kb / 22P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL6540 RENESAS-ISL6540 Datasheet
438Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
July 23, 2008
logo
Intersil Corporation
ISL6608CB INTERSIL-ISL6608CB Datasheet
333Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
logo
Renesas Technology Corp
ISL6608 RENESAS-ISL6608 Datasheet
611Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
logo
Intersil Corporation
ISL8115 INTERSIL-ISL8115 Datasheet
888Kb / 24P
   High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
logo
Renesas Technology Corp
ISL8115 RENESAS-ISL8115 Datasheet
1Mb / 24P
   High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
ISL8120IR RENESAS-ISL8120IR Datasheet
1Mb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Driver
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com