Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5173ISZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5173ISZ
Description  450MHz Differential Twisted-Pair Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5173ISZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5173ISZ Datasheet HTML 2Page - Intersil Corporation EL5173ISZ Datasheet HTML 3Page - Intersil Corporation EL5173ISZ Datasheet HTML 4Page - Intersil Corporation EL5173ISZ Datasheet HTML 5Page - Intersil Corporation EL5173ISZ Datasheet HTML 6Page - Intersil Corporation EL5173ISZ Datasheet HTML 7Page - Intersil Corporation EL5173ISZ Datasheet HTML 8Page - Intersil Corporation EL5173ISZ Datasheet HTML 9Page - Intersil Corporation EL5173ISZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN7312.8
September 14, 2010
Typical Performance Curves
FIGURE 3. FREQUENCY RESPONSE
FIGURE 4. FREQUENCY RESPONSE vs RLD
FIGURE 5. SMALL SIGNAL FREQUENCY RESPONSE vs CLD
FIGURE 6. FREQUENCY RESPONSE vs VREF
FIGURE 7. PSRR vs FREQUENCY
FIGURE 8. COMMON MODE REJECTION vs FREQUENCY
1M
FREQUENCY (Hz)
10M
100M
1G
VODP-P = 200mV
6
5
4
3
2
1
0
7
8
9
10
VS = ±5V, RLD = 200Ω
VODP-P = 700mV
1M
100M
1G
FREQUENCY (Hz)
100k
6
5
4
3
2
1
0
7
8
9
10
VS = ±5V, CLD = 1pF
10M
RLD = 1kΩ
RLD = 500Ω
RLD = 100Ω
RLD = 200Ω
1M
FREQUENCY (Hz)
10M
100M
1G
7
6
5
4
3
2
1
8
9
10
11
VS = ±5V, RLD = 200Ω, VODP-P = 200mV
CLD = 2.3pF
CLD = 0pF
CLD = 5pF
CLD = 16pF
100M
1G
FREQUENCY (Hz)
1M
1
0
-1
-2
-3
-4
-5
2
3
4
5
10M
VREF = 200mVP-P
VREF = 1VP-P
0
-10
-30
-50
-60
-80
-90
1M
10M
100M
FREQUENCY (Hz)
-70
-40
-20
100k
PSRR-
PSRR+
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VOCM/VINCM
0
-10
-30
-50
-60
-80
-90
-70
-40
-20
VODM/VINCM
VINCM
-
+
VOCM
VODM
100
Ω
100
Ω
EL5173, EL5373


Similar Part No. - EL5173ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5173ISZ INTERSIL-EL5173ISZ Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173ISZ INTERSIL-EL5173ISZ Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173ISZ RENESAS-EL5173ISZ Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5173ISZ-T13 INTERSIL-EL5173ISZ-T13 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173ISZ-T13 INTERSIL-EL5173ISZ-T13 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5173ISZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com