Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5175ISZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5175ISZ
Description  550MHz Differential Line Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5175ISZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5175ISZ Datasheet HTML 6Page - Intersil Corporation EL5175ISZ Datasheet HTML 7Page - Intersil Corporation EL5175ISZ Datasheet HTML 8Page - Intersil Corporation EL5175ISZ Datasheet HTML 9Page - Intersil Corporation EL5175ISZ Datasheet HTML 10Page - Intersil Corporation EL5175ISZ Datasheet HTML 11Page - Intersil Corporation EL5175ISZ Datasheet HTML 12Page - Intersil Corporation EL5175ISZ Datasheet HTML 13Page - Intersil Corporation EL5175ISZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN7306.5
Simplified Schematic
FIGURE 19. ENABLED RESPONSE
FIGURE 20. DISABLED RESPONSE
FIGURE 21. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 22. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
100ns/DIV
CH1
CH2
M=100ns
CH1=200mV/DIV
CH2=5V/DIV
400ns/DIV
CH1
CH2
M=400ns
CH1=200mV/DIV
CH2=5V/DIV
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
870mW
625mW
486mW
QSOP24
θJA=115°C/W
SO8
θJA=160°C/W
MSOP8
θJA=206°C/W
0
AMBIENT TEMPERATURE (°C)
25
125
150
85 100
50
75
1.2
1
0.2
0
0.6
0.4
0.8
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
AMBIENT TEMPERATURE (°C)
1.4
25
125
150
85 100
50
75
1.2
0.2
0
0.6
0.4
1
0.8
1.136W
909mW
870mW
MSOP8
θJA=115°C/W
SO8
θJA=110°C/W
QSOP24
θJA=88°C/W
R2
R1
R4
R3
RD2
RD1
Q8
FB
Q4
VREF
Q3
VIN-
Q2
VIN+
Q1
Q6
VS+
I4
I3
I2
I1
Q7
VB1
VS-
25
Q9
VB2
x1
VOUT
CC
EL5175, EL5375


Similar Part No. - EL5175ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5175ISZ INTERSIL-EL5175ISZ Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5175ISZ RENESAS-EL5175ISZ Datasheet
753Kb / 15P
   550MHz Differential Line Receivers
logo
Intersil Corporation
EL5175ISZ-T13 INTERSIL-EL5175ISZ-T13 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
EL5175ISZ-T7 INTERSIL-EL5175ISZ-T7 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
More results

Similar Description - EL5175ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5175 RENESAS-EL5175 Datasheet
753Kb / 15P
   550MHz Differential Line Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com