Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8118IRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL8118IRZ
Description  3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8118IRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL8118IRZ Datasheet HTML 6Page - Intersil Corporation ISL8118IRZ Datasheet HTML 7Page - Intersil Corporation ISL8118IRZ Datasheet HTML 8Page - Intersil Corporation ISL8118IRZ Datasheet HTML 9Page - Intersil Corporation ISL8118IRZ Datasheet HTML 10Page - Intersil Corporation ISL8118IRZ Datasheet HTML 11Page - Intersil Corporation ISL8118IRZ Datasheet HTML 12Page - Intersil Corporation ISL8118IRZ Datasheet HTML 13Page - Intersil Corporation ISL8118IRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN6325.0
August 1, 2006
EXDRV (Pin 15, External Linear Regulator Drive)
This pin allows the use of an external pass element to power
the IC for input voltages above 5.0V. It should be connected
to GND when using an external 5V supply or the internal
linear regulator. When using the external linear regulator
option, this pin should be connected to the gate of a PMOS
pass element, a pull-up resistor must be connected between
the PMOS device’s gate and source for proper operation.
PVCC (Pin 16, Driver Bias Voltage)
This pin is the output of the internal series linear regulator. It
also provides the bias for both bottom side and top side
MOSFET drivers. The maximum voltage differential between
PVCC and PGND is 6V. Its recommended operational
voltage range is 2.9V to 5.6V. At minimum a 10µF capacitor
is required for decoupling PVCC to PGND. For proper
operation the PVCC capacitor must be within 150 mils of the
PVCC and the PGND pins and must be connected to these
pins with dedicated traces.
BGATE (Pin 17)
This pin provides the drive for the bottom side MOSFET and
should be connected to its gate.
PGND (Pin 18, Power Ground)
This pin connects to the bottom side MOSFET's source and
provides the ground return path for the lower MOSFET
driver and internal power circuitries. In addition, PGND is the
return path for the bottom side MOSFET’s rDS(ON) current
sensing circuit.
LX (Pin 19)
This pin connects to the source of the top side MOSFET and
the drain of the bottom side MOSFET. This pin represents
the return path for the top side gate driver. During normal
switching, this pin is used for top side and bottom side
current sensing.
TGATE (Pin 20)
This pin provides the drive for the top side MOSFET and
should be connected to its gate.
BOOT (Pin 21)
This pin provides the bootstrap bias for the top side driver.
The absolute maximum voltage differential between BOOT
and LX is 6.0V (including the voltage added due to the
overcharging of the bootstrap capacitor); its operational
voltage range is 2.5V to 5.6V with respect to LX. It is
recommended that a 2.2
Ω resistor be placed in series with
the bootstrap diode to prevent over charging of the BOOT
capacitor during normal operation.
TSOC (Pin 22)
The top side sourcing current limit is set by connecting this
pin with a resistor and capacitor to the drain of the top side
MOSEFT. A 100µA current source develops a voltage
across the resistor which is then compared with the voltage
developed across the top side MOSFET. An initial ~120ns
blanking period is used to eliminate sampling error due to
the switching noise before the current is measured.
BSOC (Pin 23)
The bottom side source and sinking current limit is set by
placing a resistor (RBSOC) and capacitor between this pin
and PGND. A 100µA current source develops a voltage
across RBSOC which is then compared with the voltage
developed across the bottom side MOSFET when on. The
sinking current limit is set at 1x of the nominal sourcing limit
in ISL8118. An initial ~120ns blanking period is used to
eliminate the sampling error due to switching noise before
the current is measured.
FSET (Pin 24)
This pin provides oscillator switching frequency adjustment
by placing a resistor (RFSET) from this pin to GND.
COMP (Pin 25)
This pin is the error amplifier output. It should be connected
to the FB pin through the desired compensation network.
FB (Pin 26)
This pin is the inverting input of the error amplifier and has a
maximum usable voltage of VCC-1.8V. When using the
internal differential remote sense functionality, this pin
should be connected to VDIFF by a standard feedback
network. In the event the remote sense buffer is disabled,
the VDIFF pin should be connected to VOUT by a resistor
divider along with FB’s compensation network.
GND (Pin 27, Analog Ground)
Signal ground for the IC. All voltage levels are measured
with respect to this pin. This pin should not be left floating.
VDIFF (Pin 28)
This pin is the output of the differential remote sense
instrumentation amplifier. It is connected internally to the
OV/UV/PGOOD comparators. The VDIFF pin should be
connected to the FB pin by a standard feedback network. In
the event of the remote sense buffer is disabled, the VDIFF
pin should be connected to VOUT by a resistor divider along
with FB’s compensation network. An RC filter should be
used if VDIFF is to be connected directly to FB instead of to
VOUT through a separate resistor divider network.
GND (Bottom Side Pad, Analog Ground)
Signal ground for the IC. All voltage levels are measured
with respect to this pin. This pin should not be left floating.
ISL8118


Similar Part No. - ISL8118IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8118IRZ INTERSIL-ISL8118IRZ Datasheet
486Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
logo
Renesas Technology Corp
ISL8118IRZ RENESAS-ISL8118IRZ Datasheet
919Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
logo
Intersil Corporation
ISL8118IRZ-T INTERSIL-ISL8118IRZ-T Datasheet
414Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
More results

Similar Description - ISL8118IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8118IRZ-T INTERSIL-ISL8118IRZ-T Datasheet
414Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
ISL8118 INTERSIL-ISL8118 Datasheet
486Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
logo
Renesas Technology Corp
ISL8118 RENESAS-ISL8118 Datasheet
919Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
logo
Intersil Corporation
ISL8121 INTERSIL-ISL8121 Datasheet
651Kb / 26P
   3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
ISL8121 INTERSIL-ISL8121 Datasheet
609Kb / 26P
   3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
logo
Renesas Technology Corp
ISL8121 RENESAS-ISL8121 Datasheet
1Mb / 26P
   3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
logo
Intersil Corporation
ISL8106 INTERSIL-ISL8106 Datasheet
549Kb / 15P
   Wide VIN, 7V to 25V, Single-Phase PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL8106 RENESAS-ISL8106 Datasheet
994Kb / 16P
   Wide VIN, 7V to 25V, Single-Phase PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com