Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12025IBZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL12025IBZ
Description  Real-Time Clock/Calendar with I2C Bus and EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12025IBZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL12025IBZ Datasheet HTML 1Page - Intersil Corporation ISL12025IBZ Datasheet HTML 2Page - Intersil Corporation ISL12025IBZ Datasheet HTML 3Page - Intersil Corporation ISL12025IBZ Datasheet HTML 4Page - Intersil Corporation ISL12025IBZ Datasheet HTML 5Page - Intersil Corporation ISL12025IBZ Datasheet HTML 6Page - Intersil Corporation ISL12025IBZ Datasheet HTML 7Page - Intersil Corporation ISL12025IBZ Datasheet HTML 8Page - Intersil Corporation ISL12025IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
FN6371.1
October 18, 2006
tLOW
Clock LOW Time
Measured at the 30% of VDD
crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VDD
crossing.
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling
edge. Both crossing 70% of VDD.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing
30% of VDD to SCL falling edge
crossing 70% of VDD.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70%
of VDD window, to SCL rising edge
crossing 30% of VDD.
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge crossing
70% of VDD to SDA entering the
30% to 70% of VDD window.
0ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing
70% of VDD, to SDA rising edge
crossing 30% of VDD.
600
ns
tHD:STO STOP Condition Hold Time for
Read, or Volatile Only Write
From SDA rising edge to SCL
falling edge. Both crossing 70% of
VDD.
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing
30% of VDD, until SDA enters the
30% to 70% of VDD window.
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VDD
20 +
0.1 x Cb
250
ns
tF
SDA and SCL Fall Time
From 70% to 30% of VDD
20 +
0.1 x Cb
250
ns
Cb
Capacitive loading of SDA or SCL
Total on-chip and off-chip
10
400
pF
Cpin
SDA, and SCL Pin Capacitance
10
pF
tWC
Non-Volatile Write Cycle Time
12
20
ms
10
NOTES:
3. RESET Inactive (no reset).
4. VIL = VDD x 0.1, VIH = VDD x 0.9, fSCL = 400kHz.
5. VRESET = 2.63V (VDD must be greater than VRESET), VBAT = 0V.
6. Bit BSW = 0 (Standard Mode), VBAT ≥1.8V.
7. Specified at +25°C.
8. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
9. Parameter is not 100% tested.
10. tWC is the minimum cycle time to be allowed for any non-volatile Write by the user (it is the time from valid STOP condition at the end of Write
sequence of a serial interface Write operation) to the end of the self-timed internal non-volatile write cycle.
Serial Interface (I2C) Specifications (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
ISL12025


Similar Part No. - ISL12025IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12025IBZ RENESAS-ISL12025IBZ Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
More results

Similar Description - ISL12025IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com