Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5172ISZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5172ISZ
Description  250MHz Differential Line Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5172ISZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL5172ISZ Datasheet HTML 1Page - Intersil Corporation EL5172ISZ Datasheet HTML 2Page - Intersil Corporation EL5172ISZ Datasheet HTML 3Page - Intersil Corporation EL5172ISZ Datasheet HTML 4Page - Intersil Corporation EL5172ISZ Datasheet HTML 5Page - Intersil Corporation EL5172ISZ Datasheet HTML 6Page - Intersil Corporation EL5172ISZ Datasheet HTML 7Page - Intersil Corporation EL5172ISZ Datasheet HTML 8Page - Intersil Corporation EL5172ISZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN7311.6
August 3, 2005
CMRR
Input Common Mode Rejection Ratio
VIN = ±2.5V
75
95
dB
Gain
Gain Accuracy
VIN = 1
0.985
1
1.015
V
OUTPUT CHARACTERISTICS
VOUT
Positive Output Voltage Swing
RL = 500Ω to GND
3.3
3.63
V
Negative Output Voltage Swing
RL = 500Ω to GND
-3.87
-3.5
V
IOUT(Max)
Maximum Output Current
RL = 10Ω
±60
±95
mA
ROUT
Output Impedance
100
m
SUPPLY
VSUPPLY
Supply Operating Range
VS+ to VS-4.75
11
V
IS (on)
Power Supply Current Per Channel -
Enabled
4.6
5.6
7
mA
IS (off)+
Positive Power Supply Current - Disabled EN pin tied to 4.8V, EL5172
80
100
µA
EN pin tied to 4.8V, EL5372
1.7
5
µA
IS (off)-
Negative Power Supply Current -
Disabled
-150
-120
-90
µA
PSRR
Power Supply Rejection Ratio
VS from ±4.5V to ±5.5V
50
58
dB
ENABLE
tEN
Enable Time
150
ns
tDS
Disable Time
1.4
µs
VIH
EN Pin Voltage for Power-up
VS+
-1.5
V
VIL
EN Pin Voltage for Shut-down
VS+
-0.5
V
IIH-EN
EN Pin Input Current High Per Channel
At VEN = 5V
40
60
µA
IIL-EN
EN Pin Input Current Low Per Channel
At VEN = 0V
-10
-3
µA
Electrical Specifications
VS+ = +5V, VS- = -5V, TA = 25°C, VIN = 0V, RL = 500Ω, RF = 0, RG = OPEN, CL = 2.7pF, unless otherwise
specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
EL5172, EL5372


Similar Part No. - EL5172ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5172ISZ INTERSIL-EL5172ISZ Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5172ISZ RENESAS-EL5172ISZ Datasheet
751Kb / 16P
   250MHz Differential Line Receivers
logo
Intersil Corporation
EL5172ISZ-T13 INTERSIL-EL5172ISZ-T13 Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5172ISZ-T13 RENESAS-EL5172ISZ-T13 Datasheet
751Kb / 16P
   250MHz Differential Line Receivers
logo
Intersil Corporation
EL5172ISZ-T7 INTERSIL-EL5172ISZ-T7 Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
More results

Similar Description - EL5172ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5172 RENESAS-EL5172 Datasheet
751Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com