Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6532ACR Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6532ACR
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6532ACR Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6532ACR Datasheet HTML 1Page - Intersil Corporation ISL6532ACR Datasheet HTML 2Page - Intersil Corporation ISL6532ACR Datasheet HTML 3Page - Intersil Corporation ISL6532ACR Datasheet HTML 4Page - Intersil Corporation ISL6532ACR Datasheet HTML 5Page - Intersil Corporation ISL6532ACR Datasheet HTML 6Page - Intersil Corporation ISL6532ACR Datasheet HTML 7Page - Intersil Corporation ISL6532ACR Datasheet HTML 8Page - Intersil Corporation ISL6532ACR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
ACPI Regulator/Controller for Dual
Channel DDR Memory Systems
The ISL6532A provides a complete ACPI compliant power
solution for up to 4 DIMM dual channel DDR/DDR2 Memory
systems. Included are both a synchronous buck controller
and integrated LDO to supply VDDQ with high current during
S0/S1 states and standby current during S3 state. During
S0/S1 state, a fully integrated sink-source regulator
generates an accurate (VDDQ/2) high current VTT voltage
without the need for a negative supply. A buffered version of
the VDDQ/2 reference is provided as VREF. An LDO
controller is also integrated for AGP core voltage regulation.
The switching PWM controller drives two N-Channel
MOSFETs in a synchronous-rectified buck converter
topology. The synchronous buck converter uses voltage-
mode control with fast transient response. Both the switching
regulator and standby LDO provide a maximum static
regulation tolerance of ±2% over line, load, and temperature
ranges. The output is user-adjustable by means of external
resistors down to 0.8V.
Switching memory core output between the PWM regulator
and the standby LDO during state transitions is
accomplished smoothly via the internal ACPI control
circuitry. The NCH signal provides synchronized switching of
a backfeed blocking switch during the transitions eliminating
the need to route 5V Dual to the memory supply.
An integrated soft-start feature brings all outputs into
regulation in a controlled manner when returning to S0/S1
state from any sleep state. During S0 the PGOOD signal
indicates VTT is within spec and operational.
Each output is monitored for under and overvoltage events.
The switching regulator has overcurrent protection. Thermal
shutdown is integrated.
Features
• Generates 3 Regulated Voltages
- Synchronous Buck PWM Controller with Standby LDO
- 3A Integrated Sink/Source Linear Regulator with
Accurate VDDQ/2 Divider Reference.
- Glitch-free Transitions During State Changes
- LDO Regulator for 1.5V Video and Core voltage
• Acpi Compliant Sleep State Control
• Integrated VREF Buffer
• PWM Controller Drives Low Cost N-Channel MOSFETs
• 250kHz Constant Frequency Operation
• Tight Output Voltage Regulation
- All Outputs: ±2% Over-Temperature
• 5V or 3.3V Down Conversion
• Fully-Adjustable Outputs with Wide Voltage Range: Down
to 0.8V supports DDR and DDR2 Specifications
• Simple Single-Loop Voltage-Mode PWM Control Design
• Fast PWM Converter Transient Response
• Under and Overvoltage Monitoring on All Outputs
• OCP on the Switching Regulator
• Integrated Thermal Shutdown Protection
• QFN Package Option
- QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
Flat No Leads - Product Outline
- QFN Near Chip Scale Package Footprint; Improves
PCB Efficiency, Thinner in Profile
• Pb-free Available (RoHS Compliant)
Applications
• Single and Dual Channel DDR Memory Power Systems in
ACPI compliant PCs
• Graphics Cards - GPU and Memory Supplies
• ASIC Power Supplies
• Embedded Processor and I/O Supplies
• DSP Supplies
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL6532ACR*, **
ISL 6532ACR
0 to +70 28 Ld 6x6 QFN L28.6x6
ISL6532ACRZ*, **
(Note)
ISL6532 ACRZ 0 to +70 28 Ld 6x6 QFN
(Pb-free)
L28.6x6
ISL6532AIRZ*
(Note)
ISL6532 AIRZ -40 to +85 28 Ld 6x6 QFN
(Pb-free)
L28.6x6
*Add “-T” suffix for tape and reel.
**Add “-TK” suffix for tape and reel. Please refer to TB347 for details on
reel specifications
NOTE: These Intersil Pb-free plastic packaged products employ special
Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free peak
reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2004, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6532A
Data Sheet
May 5, 2008
FN9099.5


Similar Part No. - ISL6532ACR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6532ACR RENESAS-ISL6532ACR Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532ACRZ RENESAS-ISL6532ACRZ Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6532ACR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com