Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84582IVZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL84582IVZ-T
Description  Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84582IVZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL84582IVZ-T Datasheet HTML 6Page - Intersil Corporation ISL84582IVZ-T Datasheet HTML 7Page - Intersil Corporation ISL84582IVZ-T Datasheet HTML 8Page - Intersil Corporation ISL84582IVZ-T Datasheet HTML 9Page - Intersil Corporation ISL84582IVZ-T Datasheet HTML 10Page - Intersil Corporation ISL84582IVZ-T Datasheet HTML 11Page - Intersil Corporation ISL84582IVZ-T Datasheet HTML 12Page - Intersil Corporation ISL84582IVZ-T Datasheet HTML 13Page - Intersil Corporation ISL84582IVZ-T Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN6213.1
January 27, 2006
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and V-. One
of these diodes conducts if any analog signal exceeds V+
or V-.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or V-. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by either
V+ or V- and the analog signal. This means their leakages
will vary as the signal varies. The difference in the two diode
leakages to the V+ and V- pins constitutes the analog-signal-
path leakage current. All analog leakage current flows
between each pin and one of the supply terminals, not to the
other switch terminal. This is why both sides of a given
switch can show leakage currents of the same or opposite
polarity. There is no connection between the analog signal
paths and GND.
Typical Performance Curves TA = 25°C, Unless Otherwise Specified
FIGURE 9. ON RESISTANCE vs SUPPLY VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. ON RESISTANCE vs SWITCH VOLTAGE
30
40
50
60
70
100
200
300
400
-40
°C
85
°C
V- = 0V
V+ (V)
4
6
8
10
12
357
9
11
2
0
20
VCOM = (V+) - 1V
ICOM = 1mA
V- = -5V
25
°C
-40
°C
85
°C
25
°C
20
30
40
50
60
30
40
50
60
70
80
90
50
60
70
80
90
100
110
120
VCOM (V)
-4
-2
0
2
4
-5
-3
-1
1
3
5
VS = ±5V
ICOM = 1mA
VS = ±2V
25
°C
85
°C
25
°C
-40
°C
85
°C
-40
°C
25
°C
-40
°C
85
°C
VS = ±3V
75
100
150
200
225
60
80
100
120
140
160
40
50
60
70
80
90
100
VCOM (V)
02
4
13
5
V+ = 2.7V
V+ = 5V
25
°C
-40
°C
85
°C
ICOM = 1mA
V- = 0V
25
°C
-40
°C
85
°C
V- = 0V
25
°C
85
°C
-40
°C
V- = 0V
V+ = 3.3V
175
125
VCOM (V)
02
46
8
10
12
20
25
30
35
40
45
50
55
60
ICOM = 1mA
-40°C
85
°C
25
°C
V+ = 12V
V- = 0V
ISL84582


Similar Part No. - ISL84582IVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84582IVZ-T INTERSIL-ISL84582IVZ-T Datasheet
402Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
logo
Renesas Technology Corp
ISL84582IVZ-T RENESAS-ISL84582IVZ-T Datasheet
726Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
More results

Similar Description - ISL84582IVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
402Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
logo
Renesas Technology Corp
ISL84582 RENESAS-ISL84582 Datasheet
726Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com