Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54051 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL54051
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54051 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL54051 Datasheet HTML 3Page - Intersil Corporation ISL54051 Datasheet HTML 4Page - Intersil Corporation ISL54051 Datasheet HTML 5Page - Intersil Corporation ISL54051 Datasheet HTML 6Page - Intersil Corporation ISL54051 Datasheet HTML 7Page - Intersil Corporation ISL54051 Datasheet HTML 8Page - Intersil Corporation ISL54051 Datasheet HTML 9Page - Intersil Corporation ISL54051 Datasheet HTML 10Page - Intersil Corporation ISL54051 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN6459.3
October 19, 2009
Detailed Description
The ISL54051 and ISL54052 are bidirectional, single
pole/single throw (SPST) analog switches. They offer
precise switching capability from a single 1.8V to 5.5V
supply with low ON-resistance and high speed operation.
With a single supply of 5V the typical ON-resistance is
only 0.8Ω, with a typical turn-on and turn-off time
of: tON = 24ns, tOFF = 10ns. The devices are especially
well suited for portable battery powered equipment due
to their low operating supply voltage (1.8V), low power
consumption (5.5µW), low leakage currents (300nA
max) and tiny µTDFN and SOT-23 packages.
The ISL54051 is a single normally open (NO) SPST
analog switch. The ISL54052 is a single normally closed
(NC) SPST analog switch.
Supply Sequencing and Overvoltage
Protection
With any CMOS device, proper power supply sequencing
is required to protect the device from excessive input
currents, which might permanently damage the IC. All
I/O pins contain ESD protection diodes from the pin to
V+ and to GND (see Figure 6). To prevent forward
biasing these diodes, V+ must be applied before any
input signals, and the input signal voltages must remain
between V+ and GND. If these conditions cannot be
guaranteed, then one of the following two protection
methods should be employed.
Logic inputs can easily be protected by adding a 1kΩ
resistor in series with the input (see Figure 6). The
resistor limits the input current below the threshold that
produces permanent damage, and the sub-microamp
input current produces an insignificant voltage drop
during normal operation.
This method is not acceptable for the signal path inputs.
Adding a series resistor to the switch input defeats the
purpose of using a low rON switch. Connecting schottky
diodes to the signal pins (as shown in Figure 6) will shunt
the fault current to the supply or to ground thereby
protecting the switch. These schottky diodes must be
sized to handle the expected fault current.
Power-Supply Considerations
The constuction of the ISL54051 and the ISL54052 is
typical of most single supply CMOS analog switches in
that they have two supply pins: V+ and GND. V+ and
GND drive the internal CMOS switches and set their
analog voltage limits. Unlike switches with a 4.5V
maximum supply voltage, the ISL54051 and the
ISL54052’s 5.5V maximum supply voltage provides
plenty of room for the 10% tolerance of 4.3V supplies, as
well as room for overshoot and noise spikes.
The minimum recommended supply voltage is 1.8V but
the part will operate with a supply below 1.8V. It is
important to note that the input signal range, switching
times, and ON-resistance degrade at lower supply
voltages. Refer to the “Electrical Specifications” tables
starting on page 3 and “Typical Performance Curves”
starting on page 8 for details.
V+ and GND also power the internal logic and level
shiftier. The level shiftier converts the input logic levels to
switched V+ and GND signals to drive the analog switch
gate terminals.
FIGURE 5. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
V+
C
GND
NO OR NC
COM
IN
IMPEDANCE
ANALYZER
VINL OR VINH
FIGURE 6. OVERVOLTAGE PROTECTION
GND
VCOM
VNX
V+
INX
OPTIONAL
PROTECTION
RESISTOR
OPTIONAL
SCHOTTKY
DIODE
OPTIONAL
SCHOTTKY
DIODE
ISL54051, ISL54052


Similar Part No. - ISL54051

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54051 INTERSIL-ISL54051 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Intersil Corporation
ISL54051 INTERSIL-ISL54051 Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
ISL54051IHZ-T INTERSIL-ISL54051IHZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54051IHZ-T RENESAS-ISL54051IHZ-T Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
More results

Similar Description - ISL54051

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051IRUZ-T INTERSIL-ISL54051IRUZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Intersil Corporation
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com