Electronic Components Datasheet Search |
|
ISL6721 Datasheet(PDF) 1 Page - Intersil Corporation |
|
ISL6721 Datasheet(HTML) 1 Page - Intersil Corporation |
1 / 22 page 1 ® FN9110.6 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright © Intersil Americas Inc. 2003-2005, 2007, 2008. All Rights Reserved. All other trademarks mentioned are the property of their respective owners. ISL6721 Flexible Single-ended Current Mode PWM Controller The ISL6721 is a low power, single-ended pulse width modulating (PWM) current mode controller designed for a wide range of DC/DC conversion applications including boost, flyback, and isolated output configurations. Peak current mode control effectively handles power transients and provides inherent overcurrent protection. Other features include a low power mode where the supply current drops to less than 200µA during overvoltage and overcurrent shutdown faults. This advanced BiCMOS design features low operating current, adjustable operating frequency up to 1MHz, adjustable soft-start, and a bi-directional SYNC signal that allows the oscillator to be locked to an external clock for noise sensitive applications. Features • 1A MOSFET Gate Driver • 100µA Startup Current • Fast Transient Response with Peak Current Mode Control • Adjustable Switching Frequency up to 1MHz • Bi-directional Synchronization • Low Power Disable Mode • Delayed Restart from OV and OC Shutdown Faults • Adjustable Slope Compensation • Adjustable Soft-start • Adjustable Overcurrent Shutdown Delay • Adjustable UV and OV Monitors • Leading Edge Blanking • Integrated Thermal Shutdown • 1% Tolerance Voltage Reference • Pb-Free Available (RoHS Compliant) Applications • Telecom and Datacom Power • Wireless Base Station Power • File Server Power • Industrial Power Systems • Isolated Buck and Flyback Regulators • Boost Regulators Pinout ISL6721 (16 LD SOIC, TSSOP) TOP VIEW Ordering Information PART NUMBER PART MARKING TEMP RANGE (°C) PACKAGE PKG. DWG. # ISL6721AB* ISL6721AB -40 to +105 16 Ld SOIC (150 mil) M16.15 ISL6721ABZ* (Note) 6721ABZ -40 to +105 16 Ld SOIC (150 mil) (Pb-Free) M16.15 ISL6721AV* ISL67 21AV -40 to +105 16 Ld TSSOP (4.4mm) M16.173 ISL6721AVZ* (Note) ISL67 21AVZ -40 to +105 16 Ld TSSOP (4.4mm) (Pb-free) M16.173 *Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. GATE ISENSE SYNC SLOPE UV OV RTCT VC PGND VCC VREF LGND SS COMP 1 2 3 4 5 6 7 16 15 14 13 12 11 10 8 9 ISET FB Data Sheet March 5, 2008 |
Similar Part No. - ISL6721 |
|
Similar Description - ISL6721 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |